Electronic Components Datasheet Search
  English  ▼

X  

MMBT1815L Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MMBT1815L
Description  HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1815L Datasheet(HTML) 2 Page - Unisonic Technologies

  MMBT1815L Datasheet HTML 1Page - Unisonic Technologies MMBT1815L Datasheet HTML 2Page - Unisonic Technologies MMBT1815L Datasheet HTML 3Page - Unisonic Technologies MMBT1815L Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT1815
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-014,F
ABSOLUTE MAXIMUM RATING ( Ta=25°C , unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
SOT-23
250
mW
Collector Dissipation (Ta=25
°C)
SOT-523/SOT-113/SOT-323
PC
200
mW
Collector Current
IC
150
mA
Base Current
IB
50
mA
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ +150
℃
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Saturation Voltage
VCE(SAT)
Ic = 100mA, IB = 10mA
0.1
0.25
V
Base-Emitter Saturation Voltage
VBE(SAT)
Ic = 100mA, IB = 10mA
1.0
V
Collector Cut-off Current
ICBO
VCB = 60V, IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB = 5V, Ic = 0
100
nA
DC Current Gain
hFE1
hFE2
VCE = 6V, Ic = 2mA
VCE = 6V, Ic = 150mA
120
25
700
Transition Frequency
fT
VCE = 10V,Ic = 50mA
80
MHz
Output Capacitance
COB
VCB = 10V, IE = 0, f = 1MHz
2.0
3.0
pF
Noise Figure
NF
Ic = -0.1mA, VCE = 6V
RG = 10kΩ, f = 100Hz
1.0
1.0
dB
CLASSIFICATION OF hFE1
RANK
Y
GR
BL
RANGE
120-240
200-400
350-700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com