Electronic Components Datasheet Search
  English  ▼

X  

MMBT1815L Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MMBT1815L
Description  HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT1815L Datasheet(HTML) 1 Page - Unisonic Technologies

  MMBT1815L Datasheet HTML 1Page - Unisonic Technologies MMBT1815L Datasheet HTML 2Page - Unisonic Technologies MMBT1815L Datasheet HTML 3Page - Unisonic Technologies MMBT1815L Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MMBT1815
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-014,F
HIGH FREQUENCY NPN
AMPLIFIER TRANSISTOR
FEATURES
*Collector-Emitter Voltage:
BVCEO=50V
*Collector current up to 150mA
*High hFE linearity
*Complement to MMBT1015
SOT-23
3
2
1
3
2
1
SOT-523
3
2
1
SOT-113
3
2
1
SOT-323
*Pb-free plating product number: MMBT1815L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
MMBT1815-x-AC3-R
MMBT1815L-x-AC3-R
SOT-113
E
B
C
Tape Reel
MMBT1815-x-AE3-R
MMBT1815L-x-AE3-R
SOT-23
E
B
C
Tape Reel
MMBT1815-x-AL3-R
MMBT1815L-x-AL3-R
SOT-323
E
B
C
Tape Reel
MMBT1815-x-AN3-R
MMBT1815L-x-AN3-R
SOT-523
E
B
C
Tape Reel
MMBT1815L-x-AC3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) R: Tape Reel
(2) AC3: SOT-113, AE3: SOT-23, AL3: SOT-323,
AN 3: SOT-523
(3) x: refer to Classification of hFE1
(4) L: Lead Free Plating, Blank: Pb/Sn
MARKING
C4
Lead Plating


Similar Part No. - MMBT1815L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBT1815L-X-AC3-R UTC-MMBT1815L-X-AC3-R Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
MMBT1815L-X-AE3-R UTC-MMBT1815L-X-AE3-R Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
MMBT1815L-X-AL3-R UTC-MMBT1815L-X-AL3-R Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
MMBT1815L-X-AN3-R UTC-MMBT1815L-X-AN3-R Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
MMBT1815L-X-AQ3-R UTC-MMBT1815L-X-AQ3-R Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
More results

Similar Description - MMBT1815L

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE108 NTE-NTE108 Datasheet
22Kb / 2P
Silicon NPN Transistor High Frequency Amplifier
logo
Unisonic Technologies
UTC2SC1815 UTC-UTC2SC1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Weitron Technology
2SC3838Q WEITRON-2SC3838Q Datasheet
81Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
2SC3838 WEITRON-2SC3838 Datasheet
865Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
logo
Unisonic Technologies
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
MMBT1815 UTC-MMBT1815_11 Datasheet
217Kb / 5P
HIGH FREQUENCY NPN AMPLIFIER TRANSISTOR
logo
Leshan Radio Company
L2SC3838QT1 LRC-L2SC3838QT1 Datasheet
106Kb / 2P
High-Frequency Amplifier NPN Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com