Electronic Components Datasheet Search
  English  ▼

X  

TLV571 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV571 Datasheet HTML 12Page - Texas Instruments TLV571 Datasheet HTML 13Page - Texas Instruments TLV571 Datasheet HTML 14Page - Texas Instruments TLV571 Datasheet HTML 15Page - Texas Instruments TLV571 Datasheet HTML 16Page - Texas Instruments TLV571 Datasheet HTML 17Page - Texas Instruments TLV571 Datasheet HTML 18Page - Texas Instruments TLV571 Datasheet HTML 19Page - Texas Instruments TLV571 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, GND to VCC
– 0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range
– 0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference input voltage range
AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
– 0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA,
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supplies
MIN
MAX
UNIT
Analog supply voltage, AVDD
2.7
5.5
V
Digital supply voltage, DVDD
2.7
5.5
V
NOTE 1: Abs (AVDD – DVDD) < 0.5 V
analog inputs
MIN
MAX
UNIT
Analog input voltage, AIN
AGND
VREFP
V
digital inputs
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
DVDD = 2.7 V to 5.5 V
2.1
2.4
V
Low level input voltage, VIL
DVDD = 2.7 V to 5.5 V
0.8
V
Input CLK frequency
DVDD = 4.5 V to 5.5 V
20
MHz
Input CLK frequency
DVDD = 2.7 V to 3.3 V
10
MHz
Pulse duration CLK high t (CLKH)
DVDD = 4.5 V to 5.5 V, fCLK = 20 MHz
23
ns
Pulse duration, CLK high, tw(CLKH)
DVDD = 2.7 V to 3.3 V, fCLK = 10 MHz
46
ns
Pulse duration CLK low tw(CLKL)
DVDD = 4.5 V to 5.5 V, fCLK = 20 MHz
23
ns
Pulse duration, CLK low, tw(CLKL)
DVDD = 2.7 V to 3.3 V, fCLK = 10 MHz
46
ns
Rise time, I/O and control, CLK, CS
50 pF output load
4
ns
Fall time, I/O and control, CLK, CS
50 pF output load
4
ns
reference specifications
MIN
NOM
MAX
UNIT
VREFP
AVDD = 3 V
2
AVDD
V
VREFP
AVDD = 5 V
2.5
AVDD
V
External reference voltage
VREFM
AVDD = 3 V
AGND
1
V
VREFM
AVDD = 5 V
AGND
2
V
VREFP – VREFM
2
AVDD–AGND
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com