Electronic Components Datasheet Search
  English  ▼

X  

TLV571 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV571 Datasheet HTML 13Page - Texas Instruments TLV571 Datasheet HTML 14Page - Texas Instruments TLV571 Datasheet HTML 15Page - Texas Instruments TLV571 Datasheet HTML 16Page - Texas Instruments TLV571 Datasheet HTML 17Page - Texas Instruments TLV571 Datasheet HTML 18Page - Texas Instruments TLV571 Datasheet HTML 19Page - Texas Instruments TLV571 Datasheet HTML 20Page - Texas Instruments TLV571 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, supply
voltages, and reference voltages (unless otherwise noted)
digital specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Logic inputs
IIH
High-level input current
DVDD = 5 V, DVDD = 3 V, Input = DVDD
–1
1
µA
IIL
Low-level input current
DVDD = 5 V, DVDD = 3 V, Input = 0 V
–1
1
µA
Ci
Input capacitance
10
15
pF
Logic outputs
VOH
High-level output voltage
IOH = 50 µA to 0.5 mA
DVDD– 0.4
V
VOL
Low-level output voltage
IOL = 50 µA to 0.5 mA
0.4
V
IOZ
High-impedance-state output current
DVDD = 5 V, DVDD = 3 V, Input = DVDD
1
µA
IOL
Low-impedance-state output current
DVDD = 5 V, DVDD = 3 V, Input = 0 V
–1
µA
Co
Output capacitance
5
pF
Internal clock
3 V, AVDD = DVDD
9
10
11
MHz
Internal clock
5 V, AVDD = DVDD
18
20
22
MHz
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
8
Bits
Accuracy
Integral nonlinearity, INL
Best fit
±0.3
±0.5
LSB
Differential nonlinearity, DNL
±0.3
±0.5
LSB
Missing codes
0
EO
Offset error
±0.15%
±0.3%
FSR
EG
Gain error
±0.2%
±0.4%
FSR
Analog input
Ci
Input capacitance
AIN, AVDD = 3 V, AVDD = 5 V
15
pF
Ci
Input capacitance
MUX input, AVDD = 3 V, AVDD = 5 V
25
pF
Ilkg
Input leakage current
VAIN = 0 to AVDD
±1
µA
Voltage reference input
ri
Input resistance
2
k
Ω
Ci
Input capacitance
300
pF
Power supply
Operating supply current IDD +IREF
AVDD = DVDD = 3 V, fCLK = 10 MHz
4
5.5
mA
Operating supply current, IDD + IREF
AVDD = DVDD = 5 V, fCLK = 20 MHz
7
8.5
mA
PD
Power dissipation
AVDD+DVDD = 3 V
12
17
mW
PD
Power dissipation
AVDD+DVDD = 5 V
35
43
mW
Software
IDD +IREF
AVDD = 3 V
1
8
µA
IPD
Supply current in power down mode
Software
IDD + IREF
AVDD = 5 V
2
10
µA
IPD
Supply current in power-down mode
Auto
IDD +IREF
AVDD = 3 V
0.5
1
mA
Auto
IDD + IREF
AVDD = 5 V
0.5
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com