Electronic Components Datasheet Search
  English  ▼

X  

TLV571IPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571IPW Datasheet(HTML) 4 Page - Texas Instruments

  TLV571IPW Datasheet HTML 1Page - Texas Instruments TLV571IPW Datasheet HTML 2Page - Texas Instruments TLV571IPW Datasheet HTML 3Page - Texas Instruments TLV571IPW Datasheet HTML 4Page - Texas Instruments TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
control registers
0:
Binary
1:
2’s
Complement
0:
Reserved
Bit,
Always
Write 0
0:
INT. OSC.
SLOW
1:
INT. OSC.
FAST
STARTSEL
A1
A0
D4
D3
D2
D1
D0
D5
Control Register Zero (CR0)
D4
D5
D3
D2
D1
D0
PROGEOC
CLKSEL
SWPWDN
Don’t Care
0:
HARDWARE
START
(CSTART)
A(1:0)=00
1:
SOFTWARE
START
0:
INT
1:
EOC
0:
Internal
Clock
1:
External
Clock
0:
NORMAL
1:
Powerdown
Reserved
Control Register One (CR1)
D4
D5
D1
D0
OSCSPD
0 Reserved 0 Reserved
OUTCODE
Reserved
0:
Reserved
Bit
Always
Write 0
A(1:0)=01
0:
Reserved
Bit
Always
Write 0
D3
D2
Don’t Care
Don’t Care
Don’t Care
0:
Reserved
Bit,
Always
Write 0
Figure 2. Input Data Format
hardware configuration option
The TLV571 can configure itself. This option is enabled when the WR pin is tied to ground and a dummy RD
signal is applied. The ADC is now fully configured. Zeros or default values are applied to both control registers.
The ADC is configured ideally for 3-V operation, which means the internal OSC is set at 10 MHz and hardware
start of conversion using CSTART.
ADC conversion modes
The TLV571 provides two start of conversion modes. Table 1 explains these modes in more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com