Electronic Components Datasheet Search
  English  ▼

X  

TLV571IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLV571IPW Datasheet HTML 1Page - Texas Instruments TLV571IPW Datasheet HTML 2Page - Texas Instruments TLV571IPW Datasheet HTML 3Page - Texas Instruments TLV571IPW Datasheet HTML 4Page - Texas Instruments TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Fast Throughput Rate: 1.25 MSPS at 5 V,
625 KSPS at 3 V
D Wide Analog Input: 0 V to AVDD
D Differential Nonlinearity Error: < ± 0.5 LSB
D Integral Nonlinearity Error: < ± 0.5 LSB
D Single 2.7-V to 5.5-V Supply Operation
D Low Power: 12 mW at 3 V and 35 mW at 5 V
D Auto Power Down of 1 mA Max
D Software Power Down: 10 µA Max
D Internal OSC
D Hardware Configurable
D DSP and Microcontroller Compatible
Parallel Interface
D Binary/Twos Complement Output
D Hardware Controlled Extended Sampling
D Hardware or Software Start of Conversion
applications
D Mass Storage and HDD
D Automotive
D Digital Servos
D Process Control
D General-Purpose DSP
D Image Sensor Processing
description
The TLV571 is an 8-bit data acquisition system
that combines a high-speed 8-bit ADC and a
parallel interface. The device contains two on-chip control registers allowing control of software conversion start
and power down via the bidirectional parallel port. The control registers can be set to a default mode using a
dummy RD while WR is tied low allowing the registers to be hardware configurable.
The TLV571 operates from a single 2.7-V to 5.5-V power supply. It accepts an analog input range from 0 V to
AVDD and digitizes the input at a maximum 1.25 MSPS throughput rate at 5 V. The power dissipations are only
12 mW with a 3-V supply or 35 mW with a 5-V supply. The device features an auto power-down mode that
automatically powers down to 1 mA 50 ns after conversion is performed. In software power-down mode, the
ADC is further powered down to only 10
µA.
Very high throughput rate, simple parallel interface, and low power consumption make the TLV571 an ideal
choice for high-speed digital signal processing.
AVAILABLE OPTIONS
PACKAGE
TA
24 TSSOP
(PW)
24 SOIC
(DW)
–40
°C to 85°C
TLV571IPW
TLV571IDW
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NC – No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CS
WR
RD
CLK
DGND
DVDD
INT/EOC
DGND
DGND
D0
D1
D2
NC
AIN
AVDD
AGND
REFM
REFP
CSTART
A1/D7
A0/D6
D5
D4
D3
DW OR PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV571IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV571IPW TI-TLV571IPW Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571IPW TI1-TLV571IPW Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571IPW TI2-TLV571IPW Datasheet
647Kb / 31P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2000
TLV571IPW.A TI2-TLV571IPW.A Datasheet
647Kb / 31P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
REVISED FEBRUARY 2000
TLV571IPWG4 TI1-TLV571IPWG4 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLV571IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV1571 TI1-TLV1571_14 Datasheet
629Kb / 34P
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com