Electronic Components Datasheet Search
  English  ▼

X  

UAC3092-S20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UAC3092-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092-S20-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UAC3092-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 5Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 6Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 7Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 8Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UAC3092
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R101-017,B
TYPICAL CHARACTERISTICS
I(tot)
mA
0.3
-55
0.2
0.4
0.5
50
100 125
Standby Current vs. Temperature
Ambient Temperature, Ta (°C)
75
0.6
-25
025
0.7
0.8
ISB=Current from Vcc Supply
Vcc=12.8V (see Figure 1)
Vc1=0.5V (lgnition OFF)
VPin2=VPin12=1.5V
VPin10=VPin11=VPin19(23**)=0V
1.1
-55
1.0
1.2
1.5
50
100 125
Turn-On Voltage vs. Temperature
Ambient Temperature, Ta (°C)
75
1.6
-25
0
25
1.7
1.8
VON=Voltage at Pin 3
Vcc=12.8V (see Figure 1)
VPin2=VPin12=1.5V
VPin10=VPin11=VPin19(23**)=0V
1.4
1.3
I(tot)
mA
-55
1.8
1.9
2.0
50
100 125
Ambient Temperature, Ta (°C)
75
2.1
-25
0
25
2.2
VREF=Voltage at Pin 20(24**)
Vcc=12.8V (see Figure 1)
Vc1=0.5V (lgnition OFF)
VPin2=VPin12=1.5V
VPin10=VPin11=VPin19(23**)=0V
Reference Voltage vs. Temperature
1.21
-55
1.20
1.22
1.23
50
100 125
0TC Reference Voltage vs. Temperature
Ambient Temperature, Ta (°C)
75
1.24
-25
0
25
1.25
1.26
VREF0=Voltage at Pin 8
Vcc=12.8V (see Figure 1)
Vc2=6.0V (S1 Colsed)
VPin2=VPin12=1.5V
VPin10=VPin11=VPin19(23**)=0V
70
200
60
80
280
320 340
Oscillator Frequency vs . Timing Resistor
Frequency, f (kHz)
300
100
220 240 260
110
90
360
Vcc=14.8V (see Figure 1)
Vc2=6.0V (S1 Closed)
1.94
0
1.93
1.95
1.96
40
60 70
Input Voltage vs. Output Duty Cycle
Duty Cycle, DC (%)
50
2.5
10 20 30
2.0
3.0
90 100
80
Vin=Voltage at Pin 2 or 12
Duty Cycle taken at Pin 17(21**)
Vcc=14.8V (see Figure 1)
Vc2=6.0V (S1 Closed)
VPin 10=1.5V@>309Hz
VPin 11=0V, VPin 19(23**)=1.5V
Load
Dump
Protection
R=Resistance from Pin7 to Ground
f=Frequency at Pin9
VPin 2=VPin10=VPin 12=VPin 19(23**)=1.5 V
VPin11=0V
Note: ** For 24-pin package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com