Electronic Components Datasheet Search
  English  ▼

X  

UAC3092-S20-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # UAC3092-S20-R
Description  ALTERNATOR VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UAC3092-S20-R Datasheet(HTML) 9 Page - Unisonic Technologies

  UAC3092-S20-R Datasheet HTML 1Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 2Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 3Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 4Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 5Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 6Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 7Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 8Page - Unisonic Technologies UAC3092-S20-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UAC3092
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 9
www.unisonic.com.tw
QW-R101-017,B
TYPICAL TEST CIRCUIT
Lost
Sense
Circuit
Signal
Combiner
and Switch
Low
Pass
Filter
Counter
Bandgap
Reference
Power
Supply
Output
Control
Lamp
Control
Logic
Charge
Pump
Power
Up/Down
Circuit
Oscillator
Control
Logic
Divide By
(1/12/48)
Counter
(2
8)
DAC
Up/Down
Counter
(2
4)
Prescaler
(2
4)
UAC3092
1
FB
23**
UV
20
VREF
8
VREF0
Vcc1
14
Vcc3
13
17
Gate
18
Sourc
e
3
Lamp
Coll.
4
Lamp
Base
5
Gnd
6
Gnd
15
11
Rate
9 Oscillator
Output
7
10
Phase
12
Supply
Reg
(Local)
2
Sense
(Remote)
Buff
X1
+
-
+
-
+
-
+
-
+
-
Bias
Undervoltage
Load Dump
Overvoltage
Regulate
12
4
8
RT
2.0k
S1
vc1
vc2
2.0k
250
1.0k
Vcc
Figure 1.
Note: ** For 24-pin package
19
24**
21**
22**
+
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com