Electronic Components Datasheet Search
  English  ▼

X  

INS8250 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # INS8250
Description  A Comparison of the INS8250, NS16450 and NS16550AF Series of UARTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

INS8250 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  INS8250 Datasheet HTML 1Page - National Semiconductor (TI) INS8250 Datasheet HTML 2Page - National Semiconductor (TI) INS8250 Datasheet HTML 3Page - National Semiconductor (TI) INS8250 Datasheet HTML 4Page - National Semiconductor (TI) INS8250 Datasheet HTML 5Page - National Semiconductor (TI) INS8250 Datasheet HTML 6Page - National Semiconductor (TI) INS8250 Datasheet HTML 7Page - National Semiconductor (TI) INS8250 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
60 Software Compatibility
Two of the conditions present in the INS8250-B are required
in many of these personal computers (see Items 1 and 2 in
Section 20) These two detect multiple pending interrupts
from the INS8250-B and test the baud rate These two con-
ditions were eliminated in the revision part and all parts
thereafter Thus the more recent UARTs require that one of
the following recommendations or a similar change is made
to the target system Changing the software or hardware
allows the more recent UARTs to replace the INS8250-B If
the target system services the UART via polling rather than
interrupts then all of the more recent parts will be plug-in
replacements for the INS8250-B
Note
The NS16550AF has two pins with new functions (see the data sheet
for specifics)
61 USING THE INS8250A NS16450 INS82C50A
NS16C450 AND NS16550AF WITH EDGED-TRIGGERED
ICUs
Using these UARTs with an edge-triggered ICU as in some
of the popular microcomputers requires a signal edge on the
INTR pin for each pending UART interrupt Otherwise when
multiple interrupts are pending the interrupt line will be con-
stantly high active and the edge-triggered ICU will not re-
quest additional service for the UART
62 CREATING AN INTERRUPT EDGE VIA SOFTWARE
This is done by disabling and then re-enabling UART inter-
rupts via the Interrupt Enable Register (IER) before a specif-
ic UART interrupt handling routine (line status errors re-
ceived data available transmitter holding register empty or
modem status) is exited To disable interrupts write H’00 to
the IER To re-enable interrupts write a byte containing ones
to the IER bit positions whose interrupts are supposed to be
enabled
63 CREATING AN INTERRUPT EDGE IN HARDWARE
This is done externally to the UART One approach is to
connect the INTR pin of the UART to the input of an AND
gate The other input of this AND gate is connected to a
signal that will always go low active when the UART is ac-
cessed (see
Figure 3 ) The output of the AND gate is used
as the interrupt to the ICU
Note
This simple hardware recommendation will result in one invalid inter-
rupt being generated so the software routine should be able to han-
dle this The example shown below was tested using a modified asyn-
chronous card in a few 8088-based microcomputer systems
70 Acknowledgements
The editor expresses his gratitude to all of the applications
design and field applications engineers whose laboratory
and field research have discovered most of the technical
information used in this document
TLC9320 – 4
FIGURE 3 Creating an INTR Edge in Hardware
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com