Electronic Components Datasheet Search
  English  ▼

X  

INS8250 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # INS8250
Description  A Comparison of the INS8250, NS16450 and NS16550AF Series of UARTs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

INS8250 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  INS8250 Datasheet HTML 1Page - National Semiconductor (TI) INS8250 Datasheet HTML 2Page - National Semiconductor (TI) INS8250 Datasheet HTML 3Page - National Semiconductor (TI) INS8250 Datasheet HTML 4Page - National Semiconductor (TI) INS8250 Datasheet HTML 5Page - National Semiconductor (TI) INS8250 Datasheet HTML 6Page - National Semiconductor (TI) INS8250 Datasheet HTML 7Page - National Semiconductor (TI) INS8250 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLC9320
National Semiconductor
Application Note 493
Martin S Michael
April 1989
A Comparison of the
INS8250 NS16450 and
NS16550AF Series of
UARTs
National currently produces seven versions of the INS8250
UART Functionally these parts appear to be the same
however there are differences that the designer and pur-
chaser need to understand For each version this docu-
ment provides a brief overview of their distinct characteris-
tics a detailed function and timing section a discussion of
software compatibility issues and the AC timing parameters
10 Part Summary
The seven versions currently produced are designated
INS8250 INS8250-B INS8250A NS16450 INS82C50A
NS16C450 and NS16550AF These devices are grouped
below by process type
XMOS DEVICES
1 INS8250 This is the original version produced by Nation-
al It is the same part as the INS8250-B but with faster
CPU bus timings
2 INS8250-B This is the slower speed (CPU bus timing)
version of the INS8250 It is used by many popular 8088-
based microcomputers
3 INS8250A This is a revision of the INS8250 using the
more advanced XMOS process The INS8250A is better
than the aforementioned parts due to the redesign (com-
pare section 20 to 30) and the following process charac-
teristicscloser threshold voltage control more reliably
implemented process topography and finer control over
the active area critical dimensions XMOS and CMOS
parts should be used for all new designs This part is
used in many popular 8086-based microcomputers
4 NS16450 This is the faster speed (CPU bus timing) ver-
sion of the INS8250A It is used by many popular 80286-
based microcomputers
5 NS16550AF This is the newest member of the UART
family It powers-up in the NS16450 mode and is com-
pletely compatible with all software written for the
NS16450 It has advanced features such as on-board
FIFOs a DMA interface faster CPU bus timings and a
much higher maximum baud rate than the NS16450 The
NS16550AF should be used for all new non-CMOS de-
signs including those that were originally done with the
NS16550 It is used in recent versions of popular 80286-
based 80386-based and ROMP-based microcomputers
Software written for the NS16550 is completely compati-
ble with the NS16550AF Section 50 describes how the
software can distinguish between the NS16550 and the
NS16550AF
6 NS16550 This part powers-up in the NS16450 mode and
is completely compatible with all software written for the
NS16450 It has advanced features such as a DMA inter-
face The on-board FIFOs are essentially non-functional
This part was issued on a limited basis Any user that
wants this part should order the NS16550AF Section 50
describes the differences between the NS16550 and the
NS16550AF in detail
CMOS DEVICES
1 INS82C50A This is a CMOS version of the INS8250A It
functions identically and for most AC parameters has the
same timing specification as the INS8250A (see Section
40) It draws approximately 110 (10 mA) of the maxi-
mum operating current of the INS8250A
2 NS16C450 This is a CMOS version of the NS16450 It
functions identically and for most AC parameters has the
same timing specification as the NS16450 (see Section
40) It draws approximately 112 (10 mA) of the maxi-
mum operating current of the NS16450
Note
The XMOS and CMOS UARTs are not plug-in replacements for the
INS8250INS8250-B when used with ICUs that are in the popular
edge-triggered configuration However there are easily implement-
ed adjustments to the driving software or associated hardware that
will allow these parts to be a plug-in replacement (see Section
60)
TLC9320 – 1
FIGURE 1 Connection Diagram
20 INS8250 and INS8250-B
Functional Considerations
Designers using these parts should be aware of the follow-
ing considerations
1 When multiple interrupts are pending the interrupt line
(INTR) pulses low after each interrupt instead of remain-
ing high continuously
Recommendation This will not cause problems in normal
operation however it is a condition necessary for com-
patibility in some popular 8086- and 80286-based micro-
computers that use an edge-triggered ICU (see Section
60)
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - INS8250

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
INS8250 NSC-INS8250 Datasheet
673Kb / 18P
PC16450C/NS16450,PC8250A/INS8250A UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER
INS8250-B NSC-INS8250-B Datasheet
673Kb / 18P
PC16450C/NS16450,PC8250A/INS8250A UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER
INS8250A NSC-INS8250A Datasheet
673Kb / 18P
PC16450C/NS16450,PC8250A/INS8250A UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER
More results

Similar Description - INS8250

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AN-136 IDT-AN-136 Datasheet
92Kb / 12P
A NEW GENERATION OF TAG SRAMS-THE IDT71215 AND
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
Identification of the substance/mixture and of the company/undertaking
05-Sep-2011
logo
Ralston Instruments.
QTHA-KIT0 RALSTON-QTHA-KIT0 Datasheet
344Kb / 1P
Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT0-SS RALSTON-QTHA-KIT0-SS Datasheet
326Kb / 1P
Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT1 RALSTON-QTHA-KIT1 Datasheet
315Kb / 1P
Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT3-SS RALSTON-QTHA-KIT3-SS Datasheet
306Kb / 1P
Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
QTHA-KIT6-6FT RALSTON-QTHA-KIT6-6FT Datasheet
564Kb / 1P
Kits take the guesswork out of selecting adapters by providing a selection of the most popular combinations of hoses and adapters
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
The care, amount of use, and handling of the dies.
logo
Shenzhen Huazhimei Semi...
HM9300 HMSEMI-HM9300 Datasheet
244Kb / 2P
The package and pin of the chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com