Electronic Components Datasheet Search
  English  ▼

X  

2SA1837 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SA1837
Description  POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1837 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SA1837 Datasheet HTML 1Page - Unisonic Technologies 2SA1837 Datasheet HTML 2Page - Unisonic Technologies 2SA1837 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SA1837 PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R219-002,A
TYPICAL CHARACTERISTICS
0
-1.4
-0.2
0
-25
-0.8
-1.0
-1.2
-0.4
-0.6
-0.2
-0.4
-0.6
-0.8
-1.0
COLLECTOR-EMITTER VOLTAGE, VCE (V)
SAFE OPERATING AREA
25
IC MAX. (PULSED)※
IC MAX.
(CONTINUOUS)
-0.1
-0.03
-3
-5
-0.3
-0.5
-0.01
-0.05
-1
-1
-10
-100
-30
-300
-3
BASE-EMITTER VOLTAGE, VBE (V)
IC - VBE
TC =100℃
COMMON
EMITTER
VCE= -5V
COLLECTOR CURRENT IC (mA)
hFE - IC
COMMON
EMITTER
VCE= -5V
-25
25
TC =100℃
30
10
500
1000
50
100
300
-0.003
-1
-0.01
-0.03
-0.1
-0.3
-3
COLLECTOR CURRENT, IC (A)
VCE(sat) - IC
COMMON
EMITTER
IC/IB= 10
-25
25
TC =100℃
-1
-3
-0.5
-0.05
-0.1
-0.03
-0.01
-0.3
-0.003
-1
-0.01
-0.03
-0.1
-0.3
-3
※
SINGLE NONREPETITIVE
PULSE TC =25℃
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE.
DC OPERATION
1ms※
10ms※
100ms※
0
-4
-8
-0.2
0
COLLECTOR-EMITTER VOLTAGE, V CE (V)
-6
-10
IC - VCE
-0.8
-1.0
-2
-0.4
-20
-0.6
IB = -2mA
COMMON
EMITTER
TC =25℃
-10
-8
-6
-5
30
10
300
500
50
100
-10
-30
-100
-300
-1000
COLLECTOR CURRENT, IC (mA)
COMMON
EMITTER
VCE= -10V
TC =25℃
fT - IC
-4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com