Electronic Components Datasheet Search
  English  ▼

X  

2SA1837 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1837
Description  POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1837 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1837 Datasheet HTML 1Page - Unisonic Technologies 2SA1837 Datasheet HTML 2Page - Unisonic Technologies 2SA1837 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SA1837 PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R219-002,A
POWER AMPLIFIER
APPLICATIONS DRIVER STAGE
AMPLIFIER APPLICATIONS
FEATURES
* High Transition Frequency: fT=70MHZ (Typ.)
* Complementary to UTC 2SC4793
TO-220F
1
1: BASE 2: COLLECTOR 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-230
V
Collector-Emitter Voltage
VCEO
-230
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-1
A
Base Current
IB
-0.1
A
Collector Power Dissipation
Ta=25℃
TC=25℃
PC
2.0
20
W
Junction Temperature
TJ
150
℃
Storage Temperature Range
Tstg
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Emitter Breakdown Voltage
V(BR) CEO IC= -10mA, IB=0
-230
V
Collector Cut-off Current
ICBO
VCB = -230V, IE=0
-1.0
μ
A
Emitter Cut-off Current
IEBO
VEB= -5V, IC=0
-1.0
μ
A
DC Current Gain
hFE
VCE= -5V, IC= -100mA
100
320
Collector-Emitter Saturation Voltage
VCE (sat)
IC= -500mA, IB= -50mA
-1.5
V
Base -Emitter Voltage
VBE
VCE= -5V, IC= -500mA
-1.0
V
Transition Frequency
fT
VCE= -10V, IC= -100mA
70
MHz
Collector Output Capacitance
Cob
VCB= -10V, IC=0, f=1MHz
30
pF


Similar Part No. - 2SA1837

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1837 TOSHIBA-2SA1837 Datasheet
148Kb / 2P
TRANSISTOR (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SA1837 TOSHIBA-2SA1837 Datasheet
115Kb / 4P
Power Amplifier Applications
logo
Inchange Semiconductor ...
2SA1837 ISC-2SA1837 Datasheet
88Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1837 SAVANTIC-2SA1837 Datasheet
245Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1837 JMNIC-2SA1837 Datasheet
196Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1837

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_07 Datasheet
124Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1225 TOSHIBA-2SA1225_10 Datasheet
150Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1837M TOSHIBA-2SA1837M Datasheet
122Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
Toshiba Semiconductor
2SA2182 TOSHIBA-2SA2182 Datasheet
171Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
2006-11-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com