Electronic Components Datasheet Search
  English  ▼

X  

2SB647 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB647
Description  SILICON PNP EPITAXIAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB647 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB647 Datasheet HTML 1Page - Unisonic Technologies 2SB647 Datasheet HTML 2Page - Unisonic Technologies 2SB647 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC 2SB647
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R211-010,A
CLASSIFICATION OF hFE1
RANK
B
C
D
RANGE
60-120
100-200
160-320
TYPICAL PERFORMANCE CHARACTERISTICS
0
50
100
150
0.4
0.8
1.2
Maximum Collector Dissipation Curve
Ambient Temperature Ta (
℃)
0-2
-4
-6
-0.2
-0.4
-0.6
Typical Output Characteristics
Collector to Emitter Voltage VCE (V)
-0.8
-1.0
-8
-10
Pc =0.9W
IB =0
-0.5m A
-1
-2
-5
-10
-20
-30
-40
-80
-60
-100
-120
0
-0.2
-0.4
-0.6
-1
-2
-10
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
-20
-50
-0.8
-1.0
-5
-100
-200
-500
VCE =-5V
PULSE
Ta=25
℃
Ta=75
℃
Ta= -25
℃
0
-3
-10
-30
-1
100
200
DC Current Transfer Ratio vs.Collector Current
Collector Current Ic (mA)
300
-100
-300
400
500
600
VCE =-5V
PULSE
Ta=75
℃
Ta=25
℃
Ta=-25
℃
-1000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com