Electronic Components Datasheet Search
  English  ▼

X  

2SB647 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB647
Description  SILICON PNP EPITAXIAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB647 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB647 Datasheet HTML 1Page - Unisonic Technologies 2SB647 Datasheet HTML 2Page - Unisonic Technologies 2SB647 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SB647
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R211-010,A
SILICON PNP EPITAXIAL
APPLICATION
* Low frequency power amplifier
TO-92NL
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
Ic
-1
A
Collector Peak Current
Ic(peak)
-2
A
Collector Power Dissipation
Pc
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
Ic= -10µA,IE =0
-120
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
Ic= -1mA,RBE =∞
-80
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE= -10
µA,IC=0
-5
V
Collector Cut-Off Current
ICBO
VCB= -100V,IE=0
-10
µA
hFE1
VCE= -5V, Ic= -150mA(note)
60
320
DC Current Transfer Ratio
hFE2
VCE= -5V, Ic= -500mA(note)
30
Collector-Emitter Saturation Voltage
VCE(sat)
Ic= -500mA,IB= -50 mA(note)
-1
V
Base-Emitter Saturation Voltage
VBE
VCE= -5V,Ic= -150mA(note)
-1.5
V
Gain Bandwidth Product
fT
VCE= -5V,Ic= -150mA
140
MHz
Collector Output Capacitance
Cob
VCB= -10V,IE=0,f=1MHz
20
pF
Note: Pulse test


Similar Part No. - 2SB647

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB647 HITACHI-2SB647 Datasheet
33Kb / 6P
Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SB647 RENESAS-2SB647 Datasheet
47Kb / 8P
Silicon PNP Epitaxial
logo
TRANSYS Electronics Lim...
2SB647 TEL-2SB647 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SB647 RENESAS-2SB647 Datasheet
170Kb / 6P
Silicon PNP Epitaxial
logo
Weitron Technology
2SB647 WEITRON-2SB647 Datasheet
192Kb / 5P
PNP General Purpose Transistors
More results

Similar Description - 2SB647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com