Electronic Components Datasheet Search
  English  ▼

X  

2SC2235 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2235
Description  AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2235 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2235 Datasheet HTML 1Page - Unisonic Technologies 2SC2235 Datasheet HTML 2Page - Unisonic Technologies 2SC2235 Datasheet HTML 3Page - Unisonic Technologies 2SC2235 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2SC2235
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R211-012,A
TYPICAL CHARACTERISTIC
hFE -Ic
Collector Current Ic (mA)
3
10
30
100
10
30
50
100
300
300
1000
500
1000
Ic-VCE
Collector Emitter Voltage VCE (V)
02
4
0
200
400
8
6
600
1000
800
10
12
14
Common Emitter
Ta =25°C
0
2
IB=1mA
3
4
5
7
10
15
Ta=100°C
Ta=-25°C
Ta=25°C
Common Emitter
VCE=5V
VCE(sat) -Ic
Collector Current Ic (mA)
3
10
30
100
0.01
0.03
0.05
0.1
0.3
300
1000
0.5
Ta=100°C
Ta=25°C
Ta=-25°C
Common Emitter
Ic/IB =10
Ic-VBE
Base Emitter Voltage VBE (V)
00.2
0.4
0
200
400
0.8
0.6
600
800
1.0
1.2
Ta=100°C
Ta=25°C
Ta= -25°C
Safe Operating Area
Collector Emitter Voltage VcE (V)
0.5 1
3
10
1
3
5
10
300
30 50
500
1000
5
100 3005001000
30
50
100
3000
1ms *
10ms *
100ms *
Ic Max.(Pulse) *
Ic Max.
(Continous)
DC Operation
*Single Nonrepetitive Pulse
Ta=25°C
Curve must be derated linearly
with increase in temperature
Pc -Ta
Ambient Temperature Ta(°C)
020
40
0
200
400
80
60
600
1000
800
100 120 140 160
Common Emitter
VCE=5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com