Electronic Components Datasheet Search
  English  ▼

X  

2SC2235 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2235
Description  AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2235 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2235 Datasheet HTML 1Page - Unisonic Technologies 2SC2235 Datasheet HTML 2Page - Unisonic Technologies 2SC2235 Datasheet HTML 3Page - Unisonic Technologies 2SC2235 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SC2235
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R211-012,A
AUDIO POWER AMPLIFIER
APPLICATIONS
DRIVER STAGE AMPLIFIER
APPLICATIONS
FEATURES
*Complimentary to 2SA965
TO-92NL
1
1:EMITTER 2:COLLECTOR 3. BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base Voltage
VCBO
120
V
Collector-emitter Voltage
VCEO
120
V
Emitter-base Voltage
VEBO
5
V
Collector Power Dissipation
Pc
900
mW
Collector Current
Ic
800
mA
Emitter Current
IE
-800
mA
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB=120V,IE=0
100
nA
Emitter Cut-off Current
IEBO
VEB=5V,Ic=0
100
nA
Collector-Emitter Breakdown Voltage
VBR(CEO)
Ic=10mA,IB=0
120
V
Emitter-Base Breakdown Voltage
VBR(EBO)
IE=1 mA, Ic=0
5
V
DC Current Gain(note)
hFE
VCE=5V,Ic=100mA
80
240
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=500mA,IB=50mA
1.0
V
Base-Emitter Voltage
VBE
VCE=5V,Ic=500mA
1.0
V
Transition Frequency
fT
VCE=5V,Ic=100mA
120
MHz
Collector Output capacitance
Cob
VCB=10V,IE=0,f=1MHz
30
pF
CLASSIFICATION OF hFE
RANK
Y
O
RANGE
120-240
80-160


Similar Part No. - 2SC2235

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
2SC2235 TOSHIBA-2SC2235 Datasheet
108Kb / 4P
Silicon NPN Epitaxial Type (PCT Process)
logo
SeCoS Halbleitertechnol...
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
NPN Silicon General Purpose Transistor
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
2SC2235 FOSHAN-2SC2235 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SC2235

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1225 TOSHIBA-2SA1225_07 Datasheet
163Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SA1425 TOSHIBA-2SA1425_10 Datasheet
136Kb / 4P
Power Amplifier Applications Driver-Stage Amplifier Applications
2SC2983 TOSHIBA-2SC2983_05 Datasheet
155Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC4793FM TOSHIBA-2SC4793FM Datasheet
131Kb / 4P
Power Amplifier Applications Driver Stage Amplifier Applications
2SC3665-Y TOSHIBA-2SC3665-Y Datasheet
121Kb / 4P
Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
First Silicon Co., Ltd
FTA1225 FS-FTA1225 Datasheet
582Kb / 2P
Power Amplifier Applications Driver Stage Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com