Electronic Components Datasheet Search
  English  ▼

X  

2SC3468 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC3468
Description  HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3468 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC3468 Datasheet HTML 1Page - Unisonic Technologies 2SC3468 Datasheet HTML 2Page - Unisonic Technologies 2SC3468 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SC3468
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
www.unisonic.com.tw
QW-R208-037,A
HIGH VOLTAGE TRANSISTOR FOR
VIDEO OUTPUT OF HIGH-DEFINITION
CRT DISPLAYS
FEATURES
* High breakdown voltage: VCBO, VCEO≧300V
* Small reverse transfer capacitance and excellent high
frequency characteristicF
SOT-89
1
1: BASE 2: COLLECTOR 3: EMITTER
*Pb-free plating product number: 2SC3468L
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-to-Base Voltage
VCBO
300
V
Collector-to-Emitter Voltage
VCEO
300
V
Emitter-to-Base Voltage
VEBO
5
V
Collector Current
IC
100
mA
Collector Current (Pulse)
ICP
200
mA
Collector Dissipation
PC
1.0
W
Junction Temperature
TJ
0 ~ +125
℃
Storage Temperature
TSTG
-65 ~ +125
℃
ELECTRICAL CHARACTERISTICS (Ta = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cutoff Current
ICBO
VCB = 200V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 4V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 10V, IC = 10mA
40
320
Gain-Bandwidth Product
fT
VCE = 30V, IC = 10mA
150
MHz
Collector-to-Emitter Saturation Voltage
VCE (sat)
IC = 20mA, IB = 2mA
0.6
V
Base-to-Emitter Saturation Voltage
VBE (sat)
IC = 20mA, IB = 2mA
1.0
V
Collector-to-Base Breakdown Voltage
V(BR) CBO
IC = 10µA, IE = 0
300
V
Collector-to-Emitter Breakdown Voltage
V(BR) CEO
IC = 1mA, RBE = ∞
300
V
Emitter-to-Base Breakdown Voltage
V(BR) EBO
IE = 10µA, IC = 0
5
V
Output Capacitance
Cob
VCB = 30V, f = 1MHz
2.6
pF
Reverse Transfer Capacitance
Cre
VCB = 30V, f = 1MHz
1.8
pF


Similar Part No. - 2SC3468

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3468 SANYO-2SC3468 Datasheet
119Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SC3468 SANYO-2SC3468 Datasheet
183Kb / 3P
Transistors for TV Display Video Output Use
logo
Unisonic Technologies
2SC3468G-X-AB3-R UTC-2SC3468G-X-AB3-R Datasheet
332Kb / 5P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT
2SC3468 UTC-2SC3468_15 Datasheet
332Kb / 5P
HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT
More results

Similar Description - 2SC3468

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
High-Definition CRT Display, Video Output
2SA1406 SANYO-2SA1406 Datasheet
116Kb / 4P
high-Definition CRT Display Video Output Applications?
2SA1478 SANYO-2SA1478 Datasheet
132Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1479 SANYO-2SA1479 Datasheet
135Kb / 4P
High-Definition CRT Display, Video Output Applications???
2SA1536 SANYO-2SA1536 Datasheet
114Kb / 4P
High-Definition CRT Display, Video Output Applications????
2SA1540 SANYO-2SA1540 Datasheet
113Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1541 SANYO-2SA1541 Datasheet
104Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1710 SANYO-2SA1710 Datasheet
118Kb / 4P
High-Definition CRT Display Video Output Applications
2SA1749 SANYO-2SA1749 Datasheet
120Kb / 4P
High-Definition CRT Display Video Output Applications???????
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
27-May-2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com