Electronic Components Datasheet Search
  English  ▼

X  

2SD880 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD880
Description  NPN EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD880 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD880 Datasheet HTML 1Page - Unisonic Technologies 2SD880 Datasheet HTML 2Page - Unisonic Technologies 2SD880 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SD880
NPNEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R203-013,B
CLASSIFICATION of hFE
RANK
O
Y
GR
RANGE
60-120
100-200
150-300
TYPICAL CHARACTERISTICS
40
0
TEMPERATURE, TC (℃)
100
0
POWER DERATING
125
150
50
25
10
15
75
5
20
25
30
35
3.0
2.0
COLLECTOR-EMITTER VOLTAGE, V CE (V)
1.0
2.5
1.5
3.0
6.0
IB = 10mA
4.0
5.0
2.0
1.0
0.5
0
Ic-Vce
TC = 25℃
20
30
40
50
60
70
80
90
300
COLLECTOR CURRENT, IC (mA)
50
100
100
3k
200
1k
20
2
30
10
DC CURRENT GAIN
25
510
50
500
TC = 100℃
-25
VCE = 5.0V
3.0
BASE-EMITTER VOLTAGE, VBE (V)
1.5
2.0
0.8
1.6
1.0
1.4
0.6
1.0
0
0.2
0.4
1.2
VCE = 5.0V
2.5
0.5
Ic-Vbe
TC = 100℃ 25 -25
0.5
COLLECTOR CURRENT, IC (mA)
0.1
0.2
100
3k
200
1k
20
2
0.05
0.02
VCE(sat)-IC
5
10
50
500
TC = 100℃
-25℃
2k
1.0
25℃
COMMON EMITTER
IC/IB = 10
5.0
COLLECTOR EMITTER VOLTAGE, VCE (VOLTS)
1.0
2.0
10
100
5.0
1.0
0.5
0.1
ACTIVE-REGION SAFE OPERATING AREA (SOA)
2.0
7.0
20
Bonding Wire Limit
Second Breakdown Limit
Thermally Limited
at TC = 25
(Single Pulse)
℃
70
10
100ms
50
0.2
10ms
1ms
dc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com