Electronic Components Datasheet Search
  English  ▼

X  

2SD880 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD880
Description  NPN EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD880 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD880 Datasheet HTML 1Page - Unisonic Technologies 2SD880 Datasheet HTML 2Page - Unisonic Technologies 2SD880 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SD880
NPNEPITAXIAL PLANAR TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R203-013,B
NPN EPITAXIAL TRANSISTOR
DESCRIPTION
The UTC 2SD880 is designed for audio frequency power
amplifier applications.
FEATURE
*High DC Current Gain:
hFE=300(Max.)(VCE=5V,IC=0.5A)
*Low Saturation Voltage:
VCE(sat)=1.0V(Max.)(IC=3A,IB=0.3A)
*High Power Dissipation:
PC=30W (Ta=25
°C)
*Complementary to 2SB834
TO-220
1
1:BASE 2:COLLECTOR 3:EMITTER
*Pb-free plating product number: 2SD880L
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Voltages and currents
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7
V
Collector Current
IC
3
A
Base Current
IB
0.5
A
Maximum Power Dissipation
Total Power Dissipation
PD
30
W
Maximum Temperature
Junction Temperature Range
TOPR
150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
BVCEO
IC=50mA,IE=0
60
V
Collector Cut-Off Current
ICBO
VCB=60V,IE=0
100
µA
Emitter Cut-Off Current
IEBO
VEB=7V,IC=0
100
µA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=3A, IB=300mA
1
V
Base-Emitter Saturation Voltage
VBE(ON)
VCE=5V, IC=500mA
1
V
DC Current Gain
hFE
IC=500mA, VCE=5V
60
300
Current gain bandwidth product
fT
VCE =5V, IC =500mA
3
MHZ


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
TRANSYS Electronics Lim...
2SD880 TEL-2SD880 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Inchange Semiconductor ...
2SD880 ISC-2SD880 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD880 SAVANTIC-2SD880 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GMBT8050L GTM-GMBT8050L Datasheet
226Kb / 2P
NPN EPITAXIAL TRANSISTOR
GS123 GTM-GS123 Datasheet
155Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSD2656 GTM-GSD2656 Datasheet
137Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT8050 GTM-GSMBT8050 Datasheet
157Kb / 2P
NPN EPITAXIAL TRANSISTOR
GSMBT9014 GTM-GSMBT9014 Datasheet
195Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
Chenmko Enterprise Co. ...
2SC1766PT CHENMKO-2SC1766PT Datasheet
139Kb / 4P
NPN Epitaxial Transistor
CH882PT CHENMKO-CH882PT Datasheet
117Kb / 4P
NPN Epitaxial Transistor
CHTA14ZPT CHENMKO-CHTA14ZPT Datasheet
166Kb / 3P
NPN Epitaxial Transistor
logo
Unisonic Technologies
2SD880 UTC-2SD880_11 Datasheet
154Kb / 4P
NPN EPITAXIAL TRANSISTOR
TIP122 UTC-TIP122_08 Datasheet
88Kb / 4P
NPN EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com