Electronic Components Datasheet Search
  English  ▼

X  

2SD965B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD965B
Description  LOW VOLTAGE HIGH CURRENT NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD965B Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD965B Datasheet HTML 1Page - Unisonic Technologies 2SD965B Datasheet HTML 2Page - Unisonic Technologies 2SD965B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SD965B
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
www.unisonic.com.tw
QW-R201-078,B
TYPICAL CHARACTERISTIC CURVES
Fig.1 Static characteristics
Collector-Emitter voltage ( V)
0
0.4
0.8
1.2
1.6
2.0
0
1.0
1.5
2.0
2.5
3.0
IB=0.5mA
IB=1.0mA
IB=1.5mA
IB=2.0mA
IB=2.5mA
IB=3.0mA
Fig.2 DC current Gain
Ic,Collector current (mA)
10
2
10
1
10
0
10
3
10
4
10
3
10
2
10
1
10
-1
VCE=2V
Fig.3 Base-Emitter on Voltage
Ic,Collector current (mA)
10
4
10
3
10
2
10
1
10
0
10
1
10
2
10
3
10
4
Fig.4 Saturation voltage
Fig.5 Current gain-bandwidth
product
Fig.6 Collector output Capacitance
VCE(sat)
VBE(sat)
Ic=10*IB
Ic,Collector current (mA)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
VCE=6V
Collector-Base voltage (V)
10
3
10
3
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
f=1MHz
IE=0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com