Electronic Components Datasheet Search
  English  ▼

X  

2SD1803 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1803
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1803 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1803 Datasheet HTML 1Page - Unisonic Technologies 2SD1803 Datasheet HTML 2Page - Unisonic Technologies 2SD1803 Datasheet HTML 3Page - Unisonic Technologies 2SD1803 Datasheet HTML 4Page - Unisonic Technologies 2SD1803 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SD1803
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R213-007,B
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
6
V
DC
IC
5
A
Collector Current
PULSE
ICM
8
A
Tc=25℃
20
W
Power Dissipation
Ta=25℃
PD
1
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=10µA, IE=0
60
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, RBE=∞
50
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
6
V
Collector Cutoff Current
ICBO
VCB=40V, IE=0
1
µA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
1
µA
hFE1
VCE=2V, IC=0.5A
70
400
DC Current Gain
hFE2
VCE=2V, IC=4A
35
Gain-Bandwidth Product
fT
VCE=5V, Ic=1A
180
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
40
pF
C-E Saturation Voltage
VCE(sat)
IC=3A, IB=0.15A
220
400
mV
B-E Saturation Voltage
VBE(sat)
IC=3A, IB=0.15A
0.95
1.3
V
Turn-on Time
tON
See Test Circuit
50
ns
Storage Time
tS
See Test Circuit
500
ns
Fall Time
tF
See Test Circuit
20
ns
CLASSIFICATION OF hFE 1
RANK
Q
R
S
T
RANGE
70 ~ 140
100 ~ 200
140 ~ 280
200 ~ 400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com