Electronic Components Datasheet Search
  English  ▼

X  

2SD1803 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 2SD1803
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1803 Datasheet(HTML) 5 Page - Unisonic Technologies

  2SD1803 Datasheet HTML 1Page - Unisonic Technologies 2SD1803 Datasheet HTML 2Page - Unisonic Technologies 2SD1803 Datasheet HTML 3Page - Unisonic Technologies 2SD1803 Datasheet HTML 4Page - Unisonic Technologies 2SD1803 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2SD1803
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
5
www.unisonic.com.tw
QW-R213-007,B
TYPICAL CHARACTERICS(cont.)
60
40
20
0
80
140
120
100
160
16
20
24
No heat sink
PD -Ta
Ambient Temperature,
4
8
12
0
57
7
5
3
2
100
VCE(sat) -Ic
Collector Current, IC (A)
0.1
0.01
7
5
3
2
1.0
3
2
10
7
2
3
5
Ta=-25℃
Ta=25℃
Ta=75℃
5
3
5
2
57
7
5
3
2
1.0
Collector Current, IC (A)
0.1
0.01
7
5
3
2
1.0
5
3
2
5
7
2
3
5
7
10
Ta=75℃
Ta=25℃
Ta=-25℃
VBE(sat) -Ic
3
7
5
3
2
10
1.0
7
5
3
2
100
0.1
2
3
5
1ms
2
3
5
0.01
A S O
Colletcor to Emitter Voltage, VCE (V)
7
5
3
1.0
10
2
3
5
100ms
10ms
Icp
Ic
1
Ta (℃)
710
Ic/IB=20
7 10
Ic/IB=20
2
0.1
7
7
7
2
Tc=25℃
1000
7
3
5
2
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com