Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 3 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (−32V,−1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 3 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm 2SB1237 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SB1132 / 2SA1515S / 2SB1237
Transistors
Rev.B
3/4
Electrical characteristics curves
Fig.1 Grounded emitter
propagation characteristics
0
-1
-2
-5
-20
-200
-500
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6
-10
-50
-100
VCE
=
−6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Ta
=100 C
25 C
−55 C
0
0
−100
−400
−500
−0.4
−0.8
−1.2
−1.6
−200
−300
−2.0
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.2 Grounded emitter output
characteristics
IB
=0mA
−0.5
−1.0
−1.5
−2.0
−2.5
−3.0
−3.5
−4.0
−4.5
−5.0
Ta
=25 C
COLLECTOR CURRENT : IC (mA)
Fig.3 DC current gain vs.
collector current(
Ι)
−1
50
100
1000
−2
−5 −10 −20 −50 −100 −200 −500
200
500
−1000
Ta
=25 C
−1V
VCE
= −3V
50
100
1000
200
500
−1 −2
−5 −10 −20 −50 −100 −200 −500−1000
VCE
= −3V
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs.
collector current(
ΙΙ)
Ta
=100 C
25 C
−55 C
−1 −2
−5 −10 −20 −50 −100 −200 −500 −1000−2000
COLLECTOR CURRENT : IC
(mA)
Fig.5 Collector-emitter saturation
voltage vs. collector current
−1
−0.5
−0.2
−0.1
−0.05
−0.02
−0.01
Ta
=25 C
IC/IB
=10
−1
−2
−5
−10
−20
−50 −100
−0.2
0
−0.4
−0.6
−0.8
−1.0
BASE CURRENT : IB
(mA)
Fig.6 Collector-emitter saturation
voltage vs. base current
lC
= −500mA
lC
= −300mA
Ta
=25 C
20
50
100
200
−1
−2
−5
−10 −20
−50 −100
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth product
vs. emitter current
Ta
=25 C
VCE
= −5V
COLLECTOR TO BASE VOLTAGE : VCB (V)
Fig.8 Collector output capacitance
vs.collector-base voltage
−0.5
−1
−2
−5
−10
−20
10
20
50
100
Ta
=25 C
f
=1MHz
IE
=0A
0
−0.01
−0.02
−0.05
−0.2
−2
−5
−0.2 −0.5
−1 −2
−5 −10 −20 −50
−0.1
−0.5
−1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.9 Safe operation area
(2SB1132)
Ta
=25 C
∗Single pulse
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com