Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (−32V,−1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 1 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm 2SB1237 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB1132 / 2SA1515S / 2SB1237
Transistors
Rev.B
1/4
Medium Power Transistor (
−32V,−1A)
2SB1132 / 2SA1515S / 2SB1237
Features
1) Low VCE(sat).
VCE(sat) =
−0.2V(Typ.)
(IC / IB =
−500mA / −50mA)
2) Compliments 2SD1664 /
2SD1858
Structure
Epitaxial planar type
PNP silicon transistor
External dimensions (Unit : mm)
4 0.2
2 0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5 +0.4
−0.1
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
2SB1132
2SB1237
2SA1515S
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
(1) Emitter
(2) Collector
(3) Base
ROHM :
ATV
6.8 0.2
2.5 0.2
1.05
0.45 0.1
2.54 2.54
0.5 0.1
(1)
(2)
(3)
0.65Max.
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0 0.2
1.5 0.1
1.5 0.1
0.4 0.1
0.5 0.1
0.4 0.1
0.4
1.5
4.5
1.6 0.1
Abbreviated symbol: BA
∗
∗ Denotes hFE
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
128Kb / 4P
Medium Power Transistor
2SB1237 ROHM-2SB1237 Datasheet
142Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB1237 ROHM-2SB1237 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1237 FOSHAN-2SB1237 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SB852K ROHM-2SB852K_1 Datasheet
75Kb / 3P
High-gain Amplifier Transistor (−32V, −0.3A)
2SB1260 ROHM-2SB1260_1 Datasheet
97Kb / 4P
Power Transistor (−80V, −1A)
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
logo
Rohm
MP6T1 ROHM-MP6T1 Datasheet
109Kb / 4P
Medium Power Transistor (−32V, −1A)
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
Medium Power Transistor (−32V, −2A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com