Electronic Components Datasheet Search
  English  ▼

X  

1428607 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1428607
Description  SAC-6P-15,0-970/FS SCO - Bus system cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1428607 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1428607 Datasheet HTML 1Page - PHOENIX CONTACT 1428607 Datasheet HTML 2Page - PHOENIX CONTACT 1428607 Datasheet HTML 3Page - PHOENIX CONTACT 1428607 Datasheet HTML 4Page - PHOENIX CONTACT 1428607 Datasheet HTML 5Page - PHOENIX CONTACT 1428607 Datasheet HTML 6Page - PHOENIX CONTACT 1428607 Datasheet HTML 7Page - PHOENIX CONTACT 1428607 Datasheet HTML 8Page - PHOENIX CONTACT 1428607 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
7 (Socket) | BN (Power)
5 (Socket) | GNWH (RD+)
8 (Socket) | GN (RD-)
2 (Socket) | OGWH (TD+)
3 (Socket) | OG (TD-)
Connector
Connection 1
Type
free cable end
Connection 2
Type
Socket straight M12 SPEEDCON
Number of positions
6
Coding type
A (Standard)
Number of positions
6
Locking type
SPEEDCON
Cable/line
Cable length
15 m
VARAN [970]
Dimensional drawing
Cable weight
81 kg/km
Number of positions
6
Shielded
yes
Cable type
VARAN [970]
Conductor structure
1x2xAWG22/19 + 1x4xAWG24/19
Conductor structure signal line
19x 0.13 mm
AWG signal line
24
4x 0.25 mm² (Signal line)
Conductor cross section
2x 0.38 mm² (Power supply)
1.35 mm (Signal line)
Wire diameter incl. insulation
1.5 mm (Power supply)
External cable diameter
7.8 mm ±0.2 mm
Outer sheath, material
SANTOPRENE halogen-free
External sheath, color
black RAL 9005
Conductor material
Bare Cu litz wires
SAC-6P-15,0-970/FS SCO - Bus system cable
1428607
https://www.phoenixcontact.com/us/products/1428607
Oct 10, 2023, 5:55 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com