Electronic Components Datasheet Search
  English  ▼

X  

1428607 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1428607
Description  SAC-6P-15,0-970/FS SCO - Bus system cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1428607 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1428607 Datasheet HTML 1Page - PHOENIX CONTACT 1428607 Datasheet HTML 2Page - PHOENIX CONTACT 1428607 Datasheet HTML 3Page - PHOENIX CONTACT 1428607 Datasheet HTML 4Page - PHOENIX CONTACT 1428607 Datasheet HTML 5Page - PHOENIX CONTACT 1428607 Datasheet HTML 6Page - PHOENIX CONTACT 1428607 Datasheet HTML 7Page - PHOENIX CONTACT 1428607 Datasheet HTML 8Page - PHOENIX CONTACT 1428607 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Material, filler
Yarn
Material wire insulation
PP
Single wire, color
brown, blue, white/orange, white/green, green, orange
Type of pair shielding
Tinned copper braided shield, 95 % covering
Overall twist
1 star quad and 2 wires with 2 fillers
Max. conductor resistance
77 Ω/m (Data cable)
Insulation resistance
5 GΩ*km (Data cable)
Wave impedance
100 Ω ±15 %
Working capacitance
50 nF (Data cable)
125 V (Data cable)
Nominal voltage, cable
48 V (Power supply)
2000 V (Power supply)
Test voltage
max. 700 V AC (Data cable)
Smallest bending radius, fixed installation
≥ 93 mm
Smallest bending radius, movable installation
≥ 93 mm
Max. bending cycles
3000000
Halogen-free
in accordance with DIN EN 50267-2-1
Ambient temperature (operation)
-20 °C ... 80 °C (Cable)
Ambient temperature (installation)
0 °C ... 50 °C
Environmental and real-life conditions
Ambient conditions
IP65
Degree of protection
IP67
Ambient temperature (operation)
-25 °C ... 90 °C (Plug / socket)
SAC-6P-15,0-970/FS SCO - Bus system cable
1428607
https://www.phoenixcontact.com/us/products/1428607
Oct 10, 2023, 5:55 AM
Page 4 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com