Electronic Components Datasheet Search
  English  ▼

X  

BF488 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BF488
Description  PNP HIGH-VOLTAGE TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BF488 Datasheet(HTML) 2 Page - Unisonic Technologies

  BF488 Datasheet HTML 1Page - Unisonic Technologies BF488 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCBF488
PNP HIGH-VOLTAGE TRANSISTORS
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-059,A
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Collector-emitter saturation voltage
VCE(sat)
Ic= -20mA, IB= -2mA
-0.5
V
collector capacitance
Cc
VCB= -20V,IE =ie=0, f=1MHz
4
pF
Feedback capacitance
Cre
VCB= -30V,IC =ic=0, f=1MHz
2.5
pF
Transition frequency
fT
VCE= -10V, Ic= -10mA,
f=100MHz
70
110
MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com