Electronic Components Datasheet Search
  English  ▼

X  

BF488 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BF488
Description  PNP HIGH-VOLTAGE TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BF488 Datasheet(HTML) 1 Page - Unisonic Technologies

  BF488 Datasheet HTML 1Page - Unisonic Technologies BF488 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCBF488
PNP HIGH-VOLTAGE TRANSISTORS
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-059,A
PNP HIGH-VOLTAGE
TRANSISTORS
FEATURES
*Low feedback capacitance.
APPLICATIONS
*Intended for use in video output stages of black and white
and color television receivers.
TO-92
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
-350
V
Collector-emitter voltage
VCEO
-350
V
Emitter-base voltage
VEBO
-5
V
Collector current (DC)
Ic
-100
mA
Peak collector current
IcP
-200
mA
Peak base current
IBP
-100
mA
Collector dissipation
Ta≦25
°C (note 1)
Pc
830
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65~+150
°C
Operating ambient temperature
Tamb
-65~+150
°C
Note 1: transistor mounted on a printed-circuit board.
THERMAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
VALUE
UNIT
Thermal resistance from junction to ambient
Rth j-a
NOTE 1
150
K/W
ELECTRICAL CHARACTERISTICS(Tj=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VCB= -300V, IE=0
-20
nA
Collector cut-off current
ICBO
VCB= -200V, IE=0, Tj=150
°C
-20
µ
A
Emitter cut-off current
IEBO
VEB= -5V, Ic=0
-100
nA
VCE= -20V ,Ic= -25mA
50
DC current gain
hFE
VCE= -20V ,Ic= -40mA
20


Similar Part No. - BF488

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF488 PHILIPS-BF488 Datasheet
42Kb / 8P
PNP high-voltage transistor
1999 Apr 27
logo
Unisonic Technologies
BF488 UTC-BF488_15 Datasheet
74Kb / 2P
PNP HIGH-VOLTAGE TRANSISTORS
More results

Similar Description - BF488

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF421 MOTOROLA-BF421 Datasheet
119Kb / 4P
High Voltage Transistors(PNP)
logo
NXP Semiconductors
BF821 PHILIPS-BF821 Datasheet
41Kb / 8P
PNP high-voltage transistors
1999 Apr 15
BF423L PHILIPS-BF423L Datasheet
50Kb / 6P
PNP high-voltage transistors
2004 Nov 10
logo
Weitron Technology
MMBT5401 WEITRON-MMBT5401 Datasheet
291Kb / 5P
High Voltage PNP Transistors
MPSA94 WEITRON-MPSA94 Datasheet
1Mb / 4P
High-Voltage PNP Transistors
logo
Guangdong Kexin Industr...
BF821 KEXIN-BF821 Datasheet
37Kb / 1P
PNP High-Voltage Transistors
logo
NXP Semiconductors
BF821 NXP-BF821 Datasheet
105Kb / 6P
PNP high-voltage transistors
2004 Jan 16
logo
Weitron Technology
MPSA92 WEITRON-MPSA92 Datasheet
169Kb / 4P
High-Voltage PNP Transistors
logo
NXP Semiconductors
BF621_623 PHILIPS-BF621_623_15 Datasheet
132Kb / 10P
PNP high-voltage transistors
2004 Dec 14
logo
Diotec Semiconductor
MPSA92 DIOTEC-MPSA92_18 Datasheet
146Kb / 2P
High Voltage PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com