Electronic Components Datasheet Search
  English  ▼

X  

HT10XX Datasheet(PDF) 5 Page - Unisonic Technologies

Part # HT10XX
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HT10XX Datasheet(HTML) 5 Page - Unisonic Technologies

  HT10XX Datasheet HTML 1Page - Unisonic Technologies HT10XX Datasheet HTML 2Page - Unisonic Technologies HT10XX Datasheet HTML 3Page - Unisonic Technologies HT10XX Datasheet HTML 4Page - Unisonic Technologies HT10XX Datasheet HTML 5Page - Unisonic Technologies HT10XX Datasheet HTML 6Page - Unisonic Technologies HT10XX Datasheet HTML 7Page - Unisonic Technologies HT10XX Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UTC HT10XX
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R502-012,A
Output Current
IOUT
VIN=9V
20
30
mA
Load Regulation
∆VOUT
VIN=9V,1mA≤IOUT≤30mA
60
100
mV
Voltage Dropout
Vd
IOUT=1mA
60
mV
Current Consumption
ISS
VIN=9V,No load
5.0
12.5
μ
A
Line Regulation
∆VOUT
∆VIN · VOUT
8V≤VIN≤12V,IOUT=1mA
0.2
%/V
Input Voltage
VIN
12
V
Temperature Coefficient
∆VOUT
∆Ta
VIN=9V,IOUT=10mA
0°C<Ta<70°C
±
1.05
mV/℃
APPLICATION CIRCUIT
HT10XX
VIN
VOUT
VIN
VOUT
C1
10μ
+
C2
10μ
+
Single point GND
Common
Common
The basic circuits using the HT10XX series
GND
HT10XX
VIN
VOUT
VIN
VOUT
C1
10μ
+
C2
10μ
+
Single point GND
Common
High output current positive voltage regulator
Tr1
R
GND
Common



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com