Electronic Components Datasheet Search
  English  ▼

X  

HT10XX Datasheet(PDF) 1 Page - Unisonic Technologies

Part # HT10XX
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HT10XX Datasheet(HTML) 1 Page - Unisonic Technologies

  HT10XX Datasheet HTML 1Page - Unisonic Technologies HT10XX Datasheet HTML 2Page - Unisonic Technologies HT10XX Datasheet HTML 3Page - Unisonic Technologies HT10XX Datasheet HTML 4Page - Unisonic Technologies HT10XX Datasheet HTML 5Page - Unisonic Technologies HT10XX Datasheet HTML 6Page - Unisonic Technologies HT10XX Datasheet HTML 7Page - Unisonic Technologies HT10XX Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UTC HT10XX
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-012,A
THREE-TERMINAL LOW POWER
VOLTAGE REGULATORS
DESCRIPTION
The UTC HT10XX series is a set of three-
Terminal low power voltage regulators implemented
in CMOS technology . They are available with several
fixed output voltages ranging from 1.5V~7.0V. The
advantage of CMOS technology is low voltage dropout
and low quiescent current.
Although designed primarily as fixed voltage
regulators, these devices can be used with external
components to obtain variable voltages and currents.
FEATURES
* Low power consumption
*Low voltage dropout
*Low temperature coefficient
*Wide operating voltage (12V Max.)
APPLICATIONS
*Battery-powered equipment
*Communication equipment
*Audio/Video equipment
TO-92
1
SOT-89
1
TO-92 : HT10XX-B : 1: VOUT 2: GND 3: VIN
TO-92 : HT10XX-C : 1: GND
2:VIN
3:VOUT
SOT-89 : 1: GND
2:VIN
3:VOUT
PAD ASSIGNMENT
(0,0)
GND
VIN
Vout
1
2
3
Chip size: 1.34 ×1.30 mm2
*The IC substrate should be connected to VDD in the
PCB layout artwork.
Unit:μm
PAD NO.
X
Y
1
184
1137
2
615
1121
3
1194
1132


Similar Part No. - HT10XX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
Voltage Regulator
3rd Oct 96
More results

Similar Description - HT10XX

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX Datasheet
181Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_11 Datasheet
239Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_10 Datasheet
219Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT10XX ETL-UT10XX Datasheet
252Kb / 10P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX ETL-UT71XX Datasheet
240Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
Three-terminal Voltage Regulators
logo
Unisonic Technologies
UT10XX UTC-UT10XX_14 Datasheet
245Kb / 9P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com