Electronic Components Datasheet Search
  English  ▼

X  

UT138E Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT138E
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138E Datasheet(HTML) 2 Page - Unisonic Technologies

  UT138E Datasheet HTML 1Page - Unisonic Technologies UT138E Datasheet HTML 2Page - Unisonic Technologies UT138E Datasheet HTML 3Page - Unisonic Technologies UT138E Datasheet HTML 4Page - Unisonic Technologies UT138E Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC UT138E
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R401-011,B
THERMAL RESISTANCES
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance, Junction to Mounting Base
Full cycle
Half cycle
Rthj-mb
1.5
2.0
K/W
Thermal Resistance, Junciton to Ambient
In free air
Rthj-a
60
K/W
STATIC CHARACTERISTICS (Tj=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Gate Trigger Current
IGT
VD=12V, IT=0.1A
T2+ G+
T2+ G-
T2- G-
T2- G+
2.5
4.0
5.0
11
10
10
10
25
mA
Latching Current
IL
VD=12V, IGT =0.1A
T2+ G+
T2+ G-
T2- G-
T2- G+
3.2
16
4.0
5.5
30
40
30
40
mA
Holding Current
IH
VD=12V, IGT=0.1A
4.0
30
mA
On-State Voltage
VT
IT=15A
1.4
1.65
V
VD=12V, IT=0.1A
0.7
1.5
V
Gate Trigger Voltage
VGT
VD=400V, IT=0.1A, Tj=125
°C
0.25
0.4
V
Off-state Leakage Current
ID
VD=VDRM(max)
, Tj=125°C
0.1
0.5
mA
DYNAMIC CHARACTERISTICS (Tj=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Critical Rate Of Rise Of Off-State
Voltage
dVD/dt
VDM=67% VDRM(max), Tj=125
°C
Exponential waveform,
Gate open circuit
50
V/
µs
Gate Controlled Turn-on Time
tgt
ITM=16A, VD=VDRM(max)
,
IG=0.1A dIG/dt=5A/
µs
2
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com