Electronic Components Datasheet Search
  English  ▼

X  

UT138E Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT138E
Description  TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138E Datasheet(HTML) 3 Page - Unisonic Technologies

  UT138E Datasheet HTML 1Page - Unisonic Technologies UT138E Datasheet HTML 2Page - Unisonic Technologies UT138E Datasheet HTML 3Page - Unisonic Technologies UT138E Datasheet HTML 4Page - Unisonic Technologies UT138E Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTC UT138E
TRIAC
UTC UNISONIC TECHNOLOGIES CO., LTD. 3
QW-R401-011,B
TYPICAL CHARACTERISTICS
T/s
Figure 2. Maximum Permissible Non-repetitive
Peak On-state Current ITSM,vs Pulse Width
tp,for Sinusoidal Currents,t p≦20ms.
510
0
20
5
IT(RMS)/A
Figure 1.Maximum on -state Dissipation.Ptot vs RMS
On-state Current,IT(RMS),Whereα=conduction Angle.
15
0
15
10
100ms
100
150
-50
50
0
15
5
Tmb/℃
10
0
95
117.5
102.5
125
110
Ptot/W
Tmb(max )/C
α
= 180
α
= 90
α
= 60
α
α
Figure 4.Maximum Permissible RMS Current IT(RMS)
vs mounting baseTemperature Tmb.
IT(RMS)/A
99℃
ITSM/A
25
10
Surge Duration /S
15
20
5
0
Figure 5.Maximum Permissible Repetitive RMS on-state
Current IT(RMS),vs Surge Duration,for Sinusoidal
Currents,f=50Hz;Tmb≦99℃.
IT(RMS)/A
0.01
0.1
1
10
100
40
Number of Cycles at 50Hz
80
60
20
0
Figure 3 .Maximum Permissible Non-Repetitive
peak on-state Current ITSM,vs Number of Cycles,
for Sinusoidal Currents,f=50Hz.
10
100
ITSM/A
1
1000
IT
time
ITSM
Tj initial=25℃max
100
150
-50
50
0
1.6
0.8
Tj/℃
1.2
1.4
1
0.6
0.4
Figure 6.Normalised Gate Trigger Voltage VGT(Tj)/
VGT(25℃),vs Junction Temperature Tj.
VGT(25℃)
VGT(Tj)
T
α
= 120
1ms
100us
10us
1000
10
100
10ms
IT
ITSM
time
Tj initial=25℃max
dIT/dt limit
T2-G+ quadrant
T
α
= 30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com