Electronic Components Datasheet Search
  English  ▼

X  

1617 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 1617
Description  6 TONES SIREN/ALARM SOUND GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1617 Datasheet(HTML) 2 Page - Unisonic Technologies

  1617 Datasheet HTML 1Page - Unisonic Technologies 1617 Datasheet HTML 2Page - Unisonic Technologies 1617 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC1617
CMOSIC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R502-016,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.3 ~ 6
V
Input Voltage
Vi
-0.3 ~ VDD+0.3
V
Output Voltage
Vo
-0.3 ~ VDD+0.3
V
Operating Temperature
Topr
0 ~ 65
°C
Storage Temperature
Tstg
-40 ~ 125
°C
ELECTRICAL CHARACTERISTICS (Unless otherwise specified: VDD=3V , Ta=25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating Voltage
VDD
2
3
5
V
Operating Current
Iop
300
500
uA
Ioh
1
mA
BZ1, BZ2 Driving Current
Iol
1
mA
Operating Frequency
Fop
70
80
128
K Hz
APPLICATION CIRCUIT (Ⅰ)
12V
VDD
IN5392
2.2K
1K
10µ/16V
945
100
882
680
5
6
7
8
1
2
3
4
0.01µ
51K
ZD
OSC2
OSC1
INI
GND
NC
VDD
BZ2
BZ1
UTC 1617
3.3 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com