Electronic Components Datasheet Search
  English  ▼

X  

1617 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1617
Description  6 TONES SIREN/ALARM SOUND GENERATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1617 Datasheet(HTML) 1 Page - Unisonic Technologies

  1617 Datasheet HTML 1Page - Unisonic Technologies 1617 Datasheet HTML 2Page - Unisonic Technologies 1617 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC1617
CMOSIC
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R502-016,C
6 TONES SIREN/ALARM
SOUND GENERATOR
DESCRIPTION
The UTC 1617 is a CMOS design for 6 different alarm sounds
application. The sound of UTC 1617 will be generated in cycling
sequence.
By the way, UTC 1617 is also partitioned to 6 types for single
tone siren/alarm sound generator. The types of UTC 1617 Series
are listed as following.
1617: 6 tones on chip.
1617A: Single tone which be outputted from 1617’s 1st sound.
1617B: Single tone which be outputted from 1617’s 2nd sound.
1617C: Single tone which be outputted from 1617’s 3rd sound.
1617D: Single tone which be outputted from 1617’s 4th sound.
1617E: Single tone which be outputted from 1617’s 5th sound.
1617F: Single tone which be outputted from 1617’s 6th sound.
FEATURES
* Low operating voltage: 2V ~ 5V.
* On-chip RC oscillator.
* Low stand by current.
* CMOS process.
DIP-8
*Pb-free plating product number: 1617L
PIN CONFIGURATION
BZ1
GND
BZ2
NC
VDD
OSC2
OSC1
INI
4
3
2
18
7
6
5
UTC 1617
PIN DESCRIPTIONS
Pin No
Symbol
I/O
Function
1
OSC2
I
2
OSC1
O
Oscillator pin with external resistor.
3
INI
I
An internal pull-up resistor. Might disable BZ1, BZ2, when connected to GND.
4
GND
-
Power supply pin (-).
5
BZ1
O
6
BZ2
O
Audio output pins.
7
VDD
-
Power supply pin (+) .
8
NC
-
No connecting.


Similar Part No. - 1617

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1617 UTC-1617 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
logo
List of Unclassifed Man...
1617 ETC2-1617 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Abbatron All Rights Res...
1617 ABBATRON-1617 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1617-35 ETC-1617-35 Datasheet
14Kb / 1P
35 Watts, 28 Volts, Pulsed Radar 1540 - 1660 MHz
logo
GHz Technology
1617-35 GHZTECH-1617-35 Datasheet
18Kb / 1P
35 Watts, 28 Volts, Pulsed Radar 1540 - 1660 MHz
More results

Similar Description - 1617

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1618 UTC-1618 Datasheet
41Kb / 4P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607 Datasheet
43Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR
1616 UTC-1616 Datasheet
39Kb / 3P
6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
1618 UTC-1618_08 Datasheet
150Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_12 Datasheet
169Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_12 Datasheet
162Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
1607 UTC-1607_15 Datasheet
148Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1617 UTC-1617_15 Datasheet
210Kb / 4P
6 TONES SIREN/ALARM SOUND GENERATOR
1618 UTC-1618_15 Datasheet
195Kb / 5P
6 KEYS SIREN/ALARM SOUND GENERATOR
logo
Silvan Chip Electronics...
GE6065B SILVAN-GE6065B Datasheet
164Kb / 3P
1/6 Tones Alarm Generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com