Electronic Components Datasheet Search
  English  ▼

X  

2206 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2206
Description  2.5W DUAL AUDIO POWER AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2206 Datasheet(HTML) 2 Page - Unisonic Technologies

  2206 Datasheet HTML 1Page - Unisonic Technologies 2206 Datasheet HTML 2Page - Unisonic Technologies 2206 Datasheet HTML 3Page - Unisonic Technologies 2206 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTC2206
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R107-018,A
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
CHARACTERISTICS
SYMBOL
RATING
UNIT
Supply Voltage
Vcc
15
V
Power Dissipation
PD
4 *
W
Operating Temperature
TOPR
-20~+70
℃
Storage Temperature
TSTG
-40~+150
℃
*Fin is soldering on the PCB
ELECTRICAL CHARACTERISTICS (Ta=25℃,Vcc=9V,f=1Khz RG=600Ω,unless otherwise specified)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Operating Supply Voltage
Vcc
9
11
V
Quiescent Circuit Current
IccQ
Vi=0,Stereo
40
55
mA
Stereo
43
45
47
dB
Closed Loop Voltage Gain
GVC
Bridge
Vi=-45dBm
49
51
53
dB
RL=4Ω,THD=10%
1.7
2.3
W
Stereo
RL=8Ω,THD=10%
1.3
W
Output Power
Po
Bridge
RL=8Ω,THD=10%
4.7
W
Channel Balance
CB
Stereo
-1
0
1
dB
Stereo
0.3
1.5
%
Total Harmonic Distortion
THD
Bridge
Ro=250mW,RL=4Ω
0.5
%
Input Resistance
RI
21
30
KΩ
Ripple Rejection Ratio
RR
Stereo,RG=0Ω,Vr=150mW,f=100Hz
40
46
dB
Stereo,RG=0Ω
0.3
1.0
mW
Output Noise Voltage
VNO
Stereo, RG=10KΩ
0.5
2.0
mV
Cross Talk
CT
Stereo, RG=10KΩ,Vo=0dBm
40
55
dB
APPLICATION INFORMATION
1. Stereo application
8
9
11
RF
C1
R2
CH1
+
-
i i) V ar i ab l e volt ag e g ain
+
i ) F i xed volt ag e g ain
(P in 9 c onnec ted to G N D dir ec t ly)
R 1
R 2
(R f an d C 1 c onnec t ed with pin 9 )
R 1
Gv= 2 0 l og
(d B )
G v= 20 log
R 2 +R F
(d B )



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com