Electronic Components Datasheet Search
  English  ▼

X  

2206 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2206
Description  2.5W DUAL AUDIO POWER AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2206 Datasheet(HTML) 3 Page - Unisonic Technologies

  2206 Datasheet HTML 1Page - Unisonic Technologies 2206 Datasheet HTML 2Page - Unisonic Technologies 2206 Datasheet HTML 3Page - Unisonic Technologies 2206 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC2206
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R107-018,A
2. Bridge application
8
9
RF
C1
CH1
+
-
11
11
5
4
1
INPUT
R
2
R
1
C
4
C
6
RL
5K
50
CH2
+
-
R
4
R
3
C
2
i ) Fi x ed v oltage gai n (Pi n 9 connected to GND directly)
Gv =20 log
+ 6(dB)
R1
R2
i i) Vari able v oltage gai n RF and C1 connected with pin 9)
Gv =20 log
R2+RF
+ 6(dB)
R1
+
++
APPLICATION CIRCUIT
1.Stereo Amplofier
*polyester film capacltor
7
8
9
6
5
4
3
2
1
INPUT 1
INPUT2
10
11
12
Fin
Fin
C10
100μ/16V
+
+
+
C9
C8
100μ/16V
*C7
0.15μ
RL
470μ/6V
OUTPUT 1
OUTPUT2
+
100μ/16V
+
_
_
+
C2
+
470μ/16V
C4
+
RL
VCC
C5
1000μ/16V
+
+
0.15μ
100μ/16V
C1
*C3
100μ
16V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com