Electronic Components Datasheet Search
  English  ▼

X  

3404 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3404
Description  SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3404 Datasheet(HTML) 2 Page - Unisonic Technologies

  3404 Datasheet HTML 1Page - Unisonic Technologies 3404 Datasheet HTML 2Page - Unisonic Technologies 3404 Datasheet HTML 3Page - Unisonic Technologies 3404 Datasheet HTML 4Page - Unisonic Technologies 3404 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UTC3404
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R105-026,,A
EQUIVALENT CIRCUIT (1/2 SHOWN)
V +
V -
-INPUT
+INPUT
OUTPUT
ABSOLUTE MAXIMUM RATINGS (Ta=25°C )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+(V+/V-)
36V (or±18)
V
Differential Input Voltage
VID
36
V
Input Voltage
VIC
-0.3 ~ 36
V
Power Dissipation
DIP8
SOP8
TSSOP8
PD
500
300
250
mW
Operating Temperature Range
Topr
-40 ~+85
°C
Storage Temperature Range
Tstg
-40 ~+125
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, V+/V- =±15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
Rs=0
Ω
2
5
mV
Input Offset Current
IIO
5
50
nA
Input Bias Current
IB
70
200
nA
Large Signal Voltage Gain
Av
RL>2K
Ω
88
100
dB
Maximum Output Voltage Swing
VOM
RL=2K
Ω
±13
±14
V
Input Common Mode Voltage Range
VICM
-15 ~+13
V
Common Mode Rejection Ratio
CMR
DC
70
90
dB
Supply Voltage Rejection Ratio
SVR
80
94
dB
Operating Current
Icc
RL=∞
2.0
3.5
mA
Output Source Current
ISOURCE
VIN+=1V,VIN
_=0V
20
30
mA
Output Sink Current
ISINK
VIN+=0V,VIN
_=1V
10
20
mA
Slew Rate
SR
1.2
V/µs
Unity Gain Bandwidth
fT
1.2
MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com