Electronic Components Datasheet Search
  English  ▼

X  

3404 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3404
Description  SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3404 Datasheet(HTML) 4 Page - Unisonic Technologies

  3404 Datasheet HTML 1Page - Unisonic Technologies 3404 Datasheet HTML 2Page - Unisonic Technologies 3404 Datasheet HTML 3Page - Unisonic Technologies 3404 Datasheet HTML 4Page - Unisonic Technologies 3404 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC3404
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-026,,A
1
0
5
100
Output Source Current Output Sink
Current vs. Output Voltage Swing
10
220
50
15
20
Output Current (mA)
10
5
1.0
3.0
Operating Current vs.Operating Voltage
20
10
30
40
2.0
5.0
4.0
Operating Voltage , V+ (V)
Ta= -20℃
-16
-4
Output Voltage Swing vs. Operating Voltage
±
2
-8
4
0
0
-12
8
12
16
-2
Pulse Response
0
-1
Time , t (μs)
0
510
1520
+1
+2
Frequency, f (Hz)
Ambient Temperature, Ta ( ℃)
Sink Current
Source Current
5
0
-5
-10
-15
Operating Voltage , V+ / V- (V)
INPUT
OUTPUT
V+/ V- = ± 15 V, Ta=25℃
Ta= 25℃
Ta= 75℃
RL = 2kΩ, Ta=25℃
±
4
±
6
±
8 ±10 ±12
±
18
±
16
±
14
V+/ V- = ± 15 V
RL >2kΩ, AV=1
Ta=25℃
10
5
0
1M
100
10k
Maximum Output Voltage vs. Frequency
100k
1k
15
13
12
-12
-15
-50
125
-25
25
50
Maximum Output Voltage vs. Temperature
75
100
0
15
14
-13
-14
V+/ V- = ± 15 V
RL=2kΩ
Ta=25℃
V+/ V- = ± 15 V, RL=2kΩ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com