Electronic Components Datasheet Search
  English  ▼

X  

3544 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3544
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544 Datasheet(HTML) 2 Page - Unisonic Technologies

  3544 Datasheet HTML 1Page - Unisonic Technologies 3544 Datasheet HTML 2Page - Unisonic Technologies 3544 Datasheet HTML 3Page - Unisonic Technologies 3544 Datasheet HTML 4Page - Unisonic Technologies 3544 Datasheet HTML 5Page - Unisonic Technologies 3544 Datasheet HTML 6Page - Unisonic Technologies 3544 Datasheet HTML 7Page - Unisonic Technologies 3544 Datasheet HTML 8Page - Unisonic Technologies 3544 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UTC 3544
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R107-040,A
BLOCK DIAGRAM
8
7
65
12
34
BIAS
90K
90K
6dB
6dB
TSD
MUTE
+
+
OUT1
MUTE
IN1
GND
Vcc
OUT2
BIAS
IN2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com