Electronic Components Datasheet Search
  English  ▼

X  

3544 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3544
Description  HEADPHONE AMPLIFIER FOR CD-ROMS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3544 Datasheet(HTML) 3 Page - Unisonic Technologies

  3544 Datasheet HTML 1Page - Unisonic Technologies 3544 Datasheet HTML 2Page - Unisonic Technologies 3544 Datasheet HTML 3Page - Unisonic Technologies 3544 Datasheet HTML 4Page - Unisonic Technologies 3544 Datasheet HTML 5Page - Unisonic Technologies 3544 Datasheet HTML 6Page - Unisonic Technologies 3544 Datasheet HTML 7Page - Unisonic Technologies 3544 Datasheet HTML 8Page - Unisonic Technologies 3544 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UTC 3544
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R107-040,A
PIN DESCRIPTIONS
PIN NO.
PIN NAME
I/O
PIN VOLTAGE
INTERNAL EQUIVALENT CIRCUIT
FUNCTION
1
7
OUT1
OUT2
O
O
2.1V
2.1V
(Vcc=5V)
Vcc
10k
1
7
Output pin
2
MUTE
I
0.1V
(When open)
2
Vcc
190k
Mute control pin
(set to low for
prevention of
popping noise
when power is
turned on and off).
Operating: High
Muting: Low(open)
3
5
IN1
IN2
I
I
2.1V
2.1V
(Vcc=5V)
3
5
Vcc
180k
BIAS
Input pin
6
BIAS
I/O
2.1V
(Vcc=5V)
6
Vcc
60k
60k
BIAS
Bias pin(the
external 47μF
capacitor also
serves as the
anti-pop time
constant,
therefore make the
proper
considerations be
changing it).
4
GND
I
-
5
Vcc
I
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com