Electronic Components Datasheet Search
  English  ▼

X  

75232 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 75232 Datasheet HTML 2Page - Unisonic Technologies 75232 Datasheet HTML 3Page - Unisonic Technologies 75232 Datasheet HTML 4Page - Unisonic Technologies 75232 Datasheet HTML 5Page - Unisonic Technologies 75232 Datasheet HTML 6Page - Unisonic Technologies 75232 Datasheet HTML 7Page - Unisonic Technologies 75232 Datasheet HTML 8Page - Unisonic Technologies 75232 Datasheet HTML 9Page - Unisonic Technologies 75232 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 10
www.unisonic.com.tw
QW-R113-005,D
LOGIC SYMBOL AND LOGIC DIAGRAM
RY1
RA1
RY2
RA2
RY3
RA3
DA1
DY1
DA2
DY2
RY4
RA4
DA3
DY3
RY5
RA5
CIRCUIT OF DRIVERS (Resistor value shown are nominal.)
To Other Drivers
Input DAx
VDD
GND
11.6kΩ
9.4kΩ
75.8Ω
4.2kΩ
To Other
Drivers
10.4kΩ
3.3kΩ
68.5Ω
VSS
To Other Drivers
320Ω
DYx Output
CIRCUIT OF EACH RECEIVER (Resistor value shown are nominal.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com