Electronic Components Datasheet Search
  English  ▼

X  

75232 Datasheet(PDF) 9 Page - Unisonic Technologies

Part # 75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75232 Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button 75232 Datasheet HTML 2Page - Unisonic Technologies 75232 Datasheet HTML 3Page - Unisonic Technologies 75232 Datasheet HTML 4Page - Unisonic Technologies 75232 Datasheet HTML 5Page - Unisonic Technologies 75232 Datasheet HTML 6Page - Unisonic Technologies 75232 Datasheet HTML 7Page - Unisonic Technologies 75232 Datasheet HTML 8Page - Unisonic Technologies 75232 Datasheet HTML 9Page - Unisonic Technologies 75232 Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
75232
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
9 of 10
www.unisonic.com.tw
QW-R113-005,D
TYPICAL CHARACTERISTICS(DRIVER)
Figure 9 Short-Circuit Output Current
vs Free-Air Temperature
Free-Air Temperature, TA (℃)
12
3
-6
9
-12
Figure 10 Slow Rate vs Load Capacitance
Load Capacitance, CL (pF)
1000
100
1000
10000
1
20
30
40
50
60 70
0
100
-3
10
0
10
6
-9
10
IOS(L) (VIN=1.9V)
IOS(H) (VIN=0.8V)
VDD = 9V
VSS = -9V
VO = 0
3kΩ
Load Line
VOH (VIN=0.8V)
VDD = 9V
VSS = -9V
RL = 3kΩ
TA = 25℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com