Electronic Components Datasheet Search
  English  ▼

X  

ML1225 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # ML1225
Description  MEDIUM POWER LOW VOLTAGE TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ML1225 Datasheet(HTML) 3 Page - Unisonic Technologies

  ML1225 Datasheet HTML 1Page - Unisonic Technologies ML1225 Datasheet HTML 2Page - Unisonic Technologies ML1225 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XL/ML1225
SCR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R301-003,D
■
TYPICAL CHARACTERICS
0.5
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
3.5
0.1
1
10
VT,INSTANTANEOUS ON-STATE VOLTAGE (V)
Figure 5. Typical On-State Characteristics
MAXIMUM @Tj=25℃
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com