Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL5209 Datasheet HTML 8Page - Texas Instruments TL5209 Datasheet HTML 9Page - Texas Instruments TL5209 Datasheet HTML 10Page - Texas Instruments TL5209 Datasheet HTML 11Page - Texas Instruments TL5209 Datasheet HTML 12Page - Texas Instruments TL5209 Datasheet HTML 13Page - Texas Instruments TL5209 Datasheet HTML 14Page - Texas Instruments TL5209 Datasheet HTML 15Page - Texas Instruments TL5209 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
0.01
0.1
1
10
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
VENB = 2 V
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
1M
0.01
0.1
1
10
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 1 µF
VENB = 2 V
IL = 1 mA
IL = 100 mA
IL = 10 mA
10
100
1k
10k
100k
1M
0
0.1
0.2
0.3
0.4
0.5
-40 -25 -10
5
20
35
50
65
80
95 110 125
TA – Temperature – °C
VIN = 3.5 V
COUT = 4.7 µF
IL = 1 mA to 500 mA
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
3
6
9
12
15
18
VIN – Input Voltage – V
VIN = 3.5 V to 16 V
COUT = 4.7 µF
IL = 1 mA
TA = -40°C
TA = 125°C
TA = 25°C
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
OUTPUT IMPEDANCE
OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
OUTPUT VOLTAGE
vs
INPUT VOLTAGE
LOAD REGULATION
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com