Electronic Components Datasheet Search
  English  ▼

X  

TL5209 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TL5209
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL5209 Datasheet HTML 14Page - Texas Instruments TL5209 Datasheet HTML 15Page - Texas Instruments TL5209 Datasheet HTML 16Page - Texas Instruments TL5209 Datasheet HTML 17Page - Texas Instruments TL5209 Datasheet HTML 18Page - Texas Instruments TL5209 Datasheet HTML 19Page - Texas Instruments TL5209 Datasheet HTML 20Page - Texas Instruments TL5209 Datasheet HTML 21Page - Texas Instruments TL5209 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
Adjustable Output Version
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
APPLICATION INFORMATION (continued)
If the application is not too sensitive to regulator overshoot, both the output capacitor and bypass capacitor (if
applicable) can be reduced.
For the adjustable version, the output voltage is set by two external resistors forming a voltage divider connected
to the output and the ADJ pin (see Figure 7). VOUT is set based on the equation:
VOUT = 1.242 V(1 + R2/R1)
Although ADJ represents a high-impedance input, limit R2 to
≤ 470 kΩ for optimum performance.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com