Electronic Components Datasheet Search
  English  ▼

X  

BUX86P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUX86P
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX86P Datasheet(HTML) 2 Page - NXP Semiconductors

  BUX86P Datasheet HTML 1Page - NXP Semiconductors BUX86P Datasheet HTML 2Page - NXP Semiconductors BUX86P Datasheet HTML 3Page - NXP Semiconductors BUX86P Datasheet HTML 4Page - NXP Semiconductors BUX86P Datasheet HTML 5Page - NXP Semiconductors BUX86P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUX86P
BUX87P
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-mb
Junction to mounting base
-
3
K/W
R
th j-a
Junction to ambient
in free air
100
-
K/W
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
V
BE = 0 V; VCE = VCESMmax
-
-
100
µA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
1.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 5 V; IC = 0 A
-
-
1
mA
V
CEsat
Collector-emitter saturation voltages I
C = 0.1 A; IB = 10 mA
-
-
0.8
V
V
CEsat
I
C = 0.2 A; IB = 20 mA
-
-
1
V
V
BEsat
Base-emitter saturation voltage
I
C = 0.2 A; IB = 20 mA
-
-
1
V
h
FE
DC current gain
I
C = 50 mA; VCE = 5 V
26
50
125
V
CEOsust
Collector-emitter sustaining voltage
I
C = 100 mA;
BUX86P
400
-
-
V
I
Boff = 0; L = 25 mH
BUX87P
450
-
-
V
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times (resistive load).
I
C = 0.2 A; IBon = 20 mA; -IBoff = 40 mA;
V
CC = 250 V
t
on
Turn-on time
0.25
0.5
µs
t
s
Turn-off storage time
2
3.5
µs
t
f
Turn-off fall time
0.28
-
µs
t
f
Turn-off fall time
T
mb = 95 ˚C
-
1.3
µs
November 1995
2
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com