Electronic Components Datasheet Search
  English  ▼

X  

BUX86P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUX86P
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUX86P Datasheet(HTML) 4 Page - NXP Semiconductors

  BUX86P Datasheet HTML 1Page - NXP Semiconductors BUX86P Datasheet HTML 2Page - NXP Semiconductors BUX86P Datasheet HTML 3Page - NXP Semiconductors BUX86P Datasheet HTML 4Page - NXP Semiconductors BUX86P Datasheet HTML 5Page - NXP Semiconductors BUX86P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUX86P
BUX87P
Fig.7. Typical DC current gain.
h
FE = f(IC); parameter VCE.
Arrows indicate conditions protected by 100% test.
Fig.8. Typical DC current gain.
h
FE = f(IC); parameter VCE
Fig.9. Typical DC current gain.
h
FE = f(IC); parameter VCE
Fig.10. Forward bias safe operating area. T
mb = 25 ˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of the
envelope.
0.001
0.01
0.1
1
1
10
100
1000
hFE
BUX86P
IC / A
Typical gain
Limit gain
VCE=5V
Tj=25 C
10
100
1000
0.001
0.01
0.1
1
10
= 0.01
tp =
1 ms
10 ms
DC
IC / A
BUX87P
VCE / V
I
II
ICM max
IC max
BUX86P
0.001
0.01
0.1
1
1
10
100
1000
hFE
IC / A
Typical gain
Limit gain
VCE=5V
Tj=95 C
0.001
0.01
0.1
1
1
10
100
1000
Typical gain
Limit gain
VCE=5V
Tj= -40 C
hFE
BUX86P
IC / A
November 1995
4
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com