Electronic Components Datasheet Search
  English  ▼

X  

BY249 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY249
Description  Rectifier diodes general purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY249 Datasheet(HTML) 1 Page - NXP Semiconductors

  BY249 Datasheet HTML 1Page - NXP Semiconductors BY249 Datasheet HTML 2Page - NXP Semiconductors BY249 Datasheet HTML 3Page - NXP Semiconductors BY249 Datasheet HTML 4Page - NXP Semiconductors BY249 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY249 series
general purpose
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 300 V / 600 V / 800 V
• High thermal cycling performance
• Low thermal resistance
V
F ≤ 1.05 V
I
F(AV) = 7 A
I
FSM ≤ 60 A
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Glass-passivated double diffused
PIN
DESCRIPTION
rectifier diodes. The devices are
intended for low frequency power
1
cathode
rectifier applications.
2
anode
The BY249 series is supplied in the
conventional
leaded
SOD59
tab
cathode
(TO220AC) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL PARAMETER
CONDITIONS
MIN.
MAX.UNIT
UNIT
BY249
-300
-600
-800
V
RSM
Peak non-repetitive reverse
-
300
600
800
V
voltage
V
RRM
Peak repetitive reverse
-
300
600
800
V
voltage
V
RWM
Crest working reverse voltage
-
200
500
700
V
V
R
Continuous reverse voltage
-
200
500
700
V
I
F(AV)
Average forward current
1
sinusoidal; a = 1.57; T
mb ≤ 131 ˚C
-
7
A
I
F(RMS)
RMS forward current
-
11
A
I
FRM
Peak repetitive forward
sinusoidal; a = 1.57;
-
60
A
current
I
FSM
Peak non-repetitive forward
t = 10 ms
-
60
A
current.
t = 8.3 ms
-
66
A
sinusoidal; T
j = 150 ˚C prior to
surge; with reapplied V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
18
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
150
˚C
temperature
k
a
12
1
tab
2
1 Neglecting switching and reverse current losses.
September 1998
1
Rev 1.300


Similar Part No. - BY249

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BY249-300 ISC-BY249-300 Datasheet
278Kb / 2P
Rectifier Diode
BY249-600 ISC-BY249-600 Datasheet
278Kb / 2P
Rectifier Diode
BY249-800 ISC-BY249-800 Datasheet
279Kb / 2P
Rectifier Diode
More results

Similar Description - BY249

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
logo
SUNMATE electronic Co.,...
M100A SUNMATE-M100A Datasheet
310Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com