Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 7Page - SONiX Technology Company SN8P1602 Datasheet HTML 8Page - SONiX Technology Company SN8P1602 Datasheet HTML 9Page - SONiX Technology Company SN8P1602 Datasheet HTML 10Page - SONiX Technology Company SN8P1602 Datasheet HTML 11Page - SONiX Technology Company SN8P1602 Datasheet HTML 12Page - SONiX Technology Company SN8P1602 Datasheet HTML 13Page - SONiX Technology Company SN8P1602 Datasheet HTML 14Page - SONiX Technology Company SN8P1602 Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 11
Version 1.2
PIN ASSIGNMENT
OTP Type:
SN8P1602BP (P-DIP 18 pins)
SN8P1602BS (SOP 18 pins)
P1.2
1
U
18
P1.1
P1.3
2
17
P1.0
INT0/P0.0
3
16
XIN
RST/VPP
4
15
XOUT/P1.4
VSS
5
14
VDD
P2.0
6
13
P2.7
P2.1
7
12
P2.6
P2.2
8
11
P2.5
P2.3
9
10
P2.4
SN8P1602BP
SN8P1602BS
SN8P1602BX (SSOP 20 pins)
P1.2
1
U
20
P1.1
P1.3
2
19
P1.0
INT0/P0.0
3
18
XIN
RST/VPP
4
17
XOUT/P1.4
VSS
5
16
VDD
VSS
6
15
VDD
P2.0
7
14
P2.7
P2.1
8
13
P2.6
P2.2
9
12
P2.5
P2.3
10
11
P2.4
SN8P1602BX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com