Electronic Components Datasheet Search
  English  ▼

X  

SN8P1602 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SN8P1602
Description  8-Bit Micro-Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8P1602 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SN8P1602 Datasheet HTML 9Page - SONiX Technology Company SN8P1602 Datasheet HTML 10Page - SONiX Technology Company SN8P1602 Datasheet HTML 11Page - SONiX Technology Company SN8P1602 Datasheet HTML 12Page - SONiX Technology Company SN8P1602 Datasheet HTML 13Page - SONiX Technology Company SN8P1602 Datasheet HTML 14Page - SONiX Technology Company SN8P1602 Datasheet HTML 15Page - SONiX Technology Company SN8P1602 Datasheet HTML 16Page - SONiX Technology Company SN8P1602 Datasheet HTML 17Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
SN8P1602B
8-Bit Micro-Controller
SONiX TECHNOLOGY CO., LTD
Page 13
Version 1.2
2
2
2 CODE OPTION TABLE
SN8P1602B
Code Option
Content
Function Description
RC
Low cost RC for external high clock oscillator
32K X’tal
Low frequency, power saving crystal (e.g. 32.768K) for external high
clock oscillator
12M X’tal
High speed crystal /resonator (e.g. 12M) for external high clock oscillator
High_Clk
4M X’tal
Standard crystal /resonator (e.g. 3.58M) for external high clock oscillator
Enable
External high clock divided by two, Fosc = high clock / 2
High_Clk / 2
Disable
Fosc = high clock
Enable
Enable Oscillator Safe Guard function to enhance noise immunity
performance.
OSG
Disable
Disable Oscillator Safe Guard function
Enable
Enable Watch Dog function
Watch_Dog
Disable
Disable Watch Dog function
Enable
Enable Low Power function to save Operating current
Low Power
Disable
Disable Low Power function
Enable
Enable Noise Filter function to enhance noise immunity performance
Noise Filter
Disable
Disable Noise Filter function
Enable
Enable ROM code Security function
Security
Disable
Disable ROM code Security function
Always_ON
Force Watch Dog Timer clock source come from INT 16K RC.
Also INT 16K RC never stop both in power down and green mode that
means Watch Dog Timer will always enable both in power down and
green mode.
INT_16K_RC
By_CPUM
Enable or Disable internal 16K(at 3V) RC clock by CPUM register
Table 2-1 SN8P1602B Code Option Table
This table is for design guidance, not tested or guaranteed. Some values presented are outside specified operating
range. This is for information only and devices are guaranteed to operate properly only within the specified range.
Code Option
Lowest Operation Voltage
Enable
Disable
4 MHz
16 MHz
-
Noise Filter/Low Power/OSG
2.2V
2.8V
Noise Filter
Low Power/OSG
2.2V
3.5V
Low Power
Noise Filter/OSG
2.2V
3.8V
OSG
Noise Filter/Low Power
2.2V
2.9V
Table 2-2 SN8P1602B Minimum Working Voltage vs. Code Option and clock frequency
Notice:
Under high noisy environment, enable “Noise Filter”, “OSG” and disable “Low Power” is strongly
recommended.
The side effect is to increase the minimum working voltage if enables “Noise Filter”/“OSG”/ “Low Power”
code option. (Please refer to Characteristic Graphs)
Enable “Low Power” option will reduce operating current during the normal operating mode.
If users select “32K X’tal” in “High_Clk” option, assembler will force “OSG” to be enabled.
If users select “RC” in “High_Clk” option, assembler will force “High_Clk / 2” to be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com